Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

H11A1 Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce H11A1
Description  6-Pin DIP Optoisolators Transistor Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

H11A1 Fiches technique(HTML) 4 Page - Motorola, Inc

  H11A1 Datasheet HTML 1Page - Motorola, Inc H11A1 Datasheet HTML 2Page - Motorola, Inc H11A1 Datasheet HTML 3Page - Motorola, Inc H11A1 Datasheet HTML 4Page - Motorola, Inc H11A1 Datasheet HTML 5Page - Motorola, Inc H11A1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
H11A1
4
Motorola Optoelectronics Device Data
100
70
50
20
10
7
5
2
1
0.1
0.2
0.5 0.7 1
2
5 7 10
20
50 70 100
IF, LED INPUT CURRENT (mA)
RL = 1000
100
10
100
70
50
20
10
7
5
2
1
0.1
0.2
0.5 0.7 1
2
5 7 10
20
50 70 100
IF, LED INPUT CURRENT (mA)
RL = 1000
100
10
Figure 7. Turn–On Switching Times
(Typical Values)
Figure 8. Turn–Off Switching Times
(TypicalValues)
VCC = 10 V
VCC = 10 V
VCC = 10 V
RL = 100 Ω
OUTPUT
Figure 9. DC Current Gain (Detector Only)
Figure 10. Capacitances versus Voltage
20
18
16
14
12
10
8
6
4
2
0
CCE
f = 1 MHz
0.05 0.1
0.2
0.5
1
2
5
10
20
50
V, VOLTAGE (VOLTS)
CLED
CCB
CEB
5
µA
4
µA
3
µA
2
µA
1
µA
4
3
2
1
0
2
4
6
8
10
12
14
16
18
20
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
IF = 0
6
µA
TEST CIRCUIT
IF = 10 mA
INPUT
WAVEFORMS
10%
90%
ton
INPUT PULSE
OUTPUT PULSE
tf
toff
tr
Figure 11. Switching Time Test Circuit and Waveforms
IB = 7 µA


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn