Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

STD-12016T Datasheet(Fiches technique) 1 Page - Volgen Kaga Electronics Inc.

Numéro de pièce STD-12016T
Description  ADAPTER-18W
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VOLGEN [Volgen Kaga Electronics Inc.]
Site Internet  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

STD-12016T Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  STD-12016T Datasheet HTML 1Page - Volgen Kaga Electronics Inc. STD-12016T Datenblatt HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Kaga Electronics(USA) Inc.
FEATURE
IEC 320/C8
Input range
90-264V/47~63Hz
Output
4.5V~24V/0.6A~3.5A(20W max.)
Efficiency
77% typical
Protection
Short Circuit/Over Voltage/Over Current Protection
Load regulation
±5%
Leakage current
Less than 0.25mA
M.T.B.F.
50,000 hours min. at 25°C, full load
Cable type
UL2468/18AWG or 20AWG
Dimension
88X50X34
Weight(reference)
175g
APPLICATION
Broadband&Network Equipment , Wireless products, Portable Equipment
SAFETY & EMI
Safety
UL/cUL/GS/CB/PSE/BSMI
EMI
CE Class B , conduction & Radiation MEET
ENVIRONMENTAL
Operating temperature0~+40°C
Storage Temperature -20~+60°C
Relative Humidity
(operating)20~80%RH/(storage)10~90%RH
ADAPTER-18W
DESKTOP
Desktop


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn