Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5508 Fiches technique(PDF) 10 Page - Cirrus Logic

No de pièce CS5508
Description  Very Low Power, 16-Bit and 20-Bit A/D Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5508 Fiches technique(HTML) 10 Page - Cirrus Logic

Back Button CS5508 Datasheet HTML 6Page - Cirrus Logic CS5508 Datasheet HTML 7Page - Cirrus Logic CS5508 Datasheet HTML 8Page - Cirrus Logic CS5508 Datasheet HTML 9Page - Cirrus Logic CS5508 Datasheet HTML 10Page - Cirrus Logic CS5508 Datasheet HTML 11Page - Cirrus Logic CS5508 Datasheet HTML 12Page - Cirrus Logic CS5508 Datasheet HTML 13Page - Cirrus Logic CS5508 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
3.3V SWITCHING CHARACTERISTICS (TA = TMIN to TMAX VA+ = 5V ± 10%; VD+ = 3.3V ±
5%; VA- = -5 V
± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF.) (Note 2)
Parameter
Symbol
Min
Typ
Max
Units
SSC Mode (M/SLP = VD+)
Access Time:
CS Low to SDATA out (DRDY = low)
DRDY falling to MSB (CS = low)
tcsd1
tdfd
-
-
-
2/fclk
2/fclk
3/fclk
ns
ns
SDATA Delay Time:
SCLK falling to next SDATA bit
tdd1
-
265
400
ns
SCLK Delay Time
SDATA MSB bit to SCLK rising
tcd1
-1/fclk
-ns
Serial Clock (Out)
Pulse Width High
Pulse Width Low
tph1
tpl1
-
-
1/fclk
1/fclk
-
-
ns
ns
Output Float Delay:
CS high to output Hi-Z (Note 16)
SCLK rising to SDATA Hi-Z
tfd1
tfd2
-
-
-
1/fclk
2/fclk
-
ns
ns
SEC Mode (M/SLP = DGND)
Serial Clock (In)
fsclk
0
-
1.25
MHz
Serial Clock (In)
Pulse Width High
Pulse Width Low
tph2
tpl2
200
200
-
-
-
-
ns
ns
Access Time:
CS Low to data valid (Note 17)
tcsd2
-
100
200
ns
Maximum Delay time:
(Note 18)
SCLK falling to new SDATA bit
tdd2
-
400
600
ns
Output Float Delay:
CS high to output Hi-Z (Note 16)
SCLK falling to SDATA Hi-Z
tfd3
tfd4
-
-
70
320
150
500
ns
ns
CS5505/6/7/8
10
DS59F4
CS5505/6/7/8
10
DS59F7


Numéro de pièce similaire - CS5508

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5508 CIRRUS-CS5508 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5508-BP CIRRUS-CS5508-BP Datasheet
721Kb / 40P
   VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
CS5508-BS CIRRUS-CS5508-BS Datasheet
721Kb / 40P
   VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
CS5508-BSZ CIRRUS-CS5508-BSZ Datasheet
721Kb / 40P
   VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
CS5508-BSZ CIRRUS-CS5508-BSZ Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
More results

Description similaire - CS5508

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505 Datasheet
721Kb / 40P
   VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
CS5501 CIRRUS-CS5501 Datasheet
702Kb / 54P
   Non-aliasing, 16- & 20-bit A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A_06 Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
logo
API Technologies Corp
MN6290 APITECH-MN6290 Datasheet
1Mb / 12P
   Low-distortion Sampling 16-bit A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com