Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFSW190410-50 Fiches technique(PDF) 7 Page - SYNERGY MICROWAVE CORPORATION

No de pièce LFSW190410-50
Description  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Site Internet  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

LFSW190410-50 Fiches technique(HTML) 7 Page - SYNERGY MICROWAVE CORPORATION

  LFSW190410-50 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION LFSW190410-50 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION LFSW190410-50 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION LFSW190410-50 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION LFSW190410-50 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION LFSW190410-50 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION LFSW190410-50 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: LFSW190410-50
1900 - 4100 MHz
WIDE BANDWIDTH
REFERENCE SIDEBAND SUPPRESSION
A
1AP
2AP
Unit
dB
RBW
1 kHz
VBW
100 Hz
SWT
76 s
Ref Lvl
8 dBm
Ref Lvl
8 dBm
RF Att
30 dB
300 kHz/
Center 4.100033066 GHz
Span 3 MHz
2VIEW
2AP
A
*
-90
-80
-70
-60
-50
-40
-30
-20
-10
-100
0
11
2
Delta 2 [T1]
-76.25 dB
-1.27454910 MHz
Date:
25.OCT.2005 18:49:17


Numéro de pièce similaire - LFSW190410-50

FabricantNo de pièceFiches techniqueDescription
logo
SYNERGY MICROWAVE CORPO...
LFSW190410-100 SYNERGY-LFSW190410-100 Datasheet
545Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW190410-12 SYNERGY-LFSW190410-12 Datasheet
524Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

Description similaire - LFSW190410-50

FabricantNo de pièceFiches techniqueDescription
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com