Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCXO-700-FAJ-156 Fiches technique(PDF) 6 Page - Vectron International, Inc

No de pièce TCXO-700-FAJ-156
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TCXO-700-FAJ-156 Fiches technique(HTML) 6 Page - Vectron International, Inc

  TCXO-700-FAJ-156 Datasheet HTML 1Page - Vectron International, Inc TCXO-700-FAJ-156 Datasheet HTML 2Page - Vectron International, Inc TCXO-700-FAJ-156 Datasheet HTML 3Page - Vectron International, Inc TCXO-700-FAJ-156 Datasheet HTML 4Page - Vectron International, Inc TCXO-700-FAJ-156 Datasheet HTML 5Page - Vectron International, Inc TCXO-700-FAJ-156 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page6
Table 8. Standard Frequencies (MHz)
8.1920
10.000
10.0001350
10.0013550
10.080
10.240
10.2450
11.05920
11.28960
12.000
12.2450
12.2880
12.3520
12.500
12.504
12.580
12.5829120
12.600
12.6883750
12.800
13.000
13.560
14.000
14.3180
14.400
14.500
14.58880
14.6171880
14.74560
14.850
15.000
15.3598650
15.360
16.000
16.034950
16.320
16.3252910
16.36760
16.3676670
16.36770
16.3840
16.3680
16.580
16.58880
16.777216
16.800
17.500
18.000
18.4140
18.4320
18.6010
19.000
19.200
19.440
19.680
19.6608
19.800
20.000
20.250
20.480
20.750
20.916460
21.250
21.94921875
22.000
22.3680
23.090
24.000
24.1920
24.53350
24.5760
24.80640
25.000
25.488280
26.000
27.000
28.000
30.720
32.000
33.000
35.3280
36.000
38.400
38.880
39.000
40.000
Ordering Information
Example: VT-700-EFG-206A-26M0000000
VT-700- E F G - 206A- xxMxxxxxxx
Product
TCXO
Voltage Options
D: +5.0 Vdc ±5%,
E: +3.3 Vdc ±5%,
F: +3.0 Vdc ±5%
G: +2.8 Vdc ±5%
Output
A: CMOS
F: Clipped Sine Wave
Stability
507: ±0.5ppm
106: ±1ppm
156: ±1.5ppm
206: ±2.0ppm
256: ±2.5ppm
306: ±3.0ppm
356: ±3.5ppm
406: ±4.0ppm
506: ±5.0ppm
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
R: 0 /55°C
K: -10/60°C
J: -20/70°C
G: -30/80°C
E: -40/85°C
Tuning
0: Fixed, No tuning
A: ±5ppm
B: ±8ppm
C: ±10ppm
D: ±12ppm
Package
5x7 Package
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 7/06/2009
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881


Numéro de pièce similaire - TCXO-700-FAJ-156

FabricantNo de pièceFiches techniqueDescription
logo
Vectron International, ...
TCXO-701-DAJ-106 VECTRON-TCXO-701-DAJ-106 Datasheet
214Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-701-DAJ-156 VECTRON-TCXO-701-DAJ-156 Datasheet
214Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-701-DAJ-206 VECTRON-TCXO-701-DAJ-206 Datasheet
214Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-701-DAJ-507 VECTRON-TCXO-701-DAJ-507 Datasheet
214Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-701-DAK-106 VECTRON-TCXO-701-DAK-106 Datasheet
214Kb / 5P
   Temperature Compensated Crystal Oscillator
More results

Description similaire - TCXO-700-FAJ-156

FabricantNo de pièceFiches techniqueDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com