Moteur de recherche de fiches techniques de composants électroniques |
|
TCXO-820-EFJ-256 Fiches technique(PDF) 3 Page - Vectron International, Inc |
|
TCXO-820-EFJ-256 Fiches technique(HTML) 3 Page - Vectron International, Inc |
3 / 5 page Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Page3 VCXO Feature: The VT-820 can be ordered with a VCXO function for applications were it will be used in a PLL, or the output frequency needs fine tune or calibration adjustments. This is a high impedance input , 500KMohm, and can be driven with an op- amp or terminated with adjustable resistors etc. Pin 1 should not be left floating on the VCXO optional device. “No Adjust” Option: In applications were the VT-820 will not be used in a PLL , or the output frequency does not need fine tune adjustments, the best device to use would be a VT-820-xxx-xxx0. By using the “no adjust” option, the circuit is simplified as Vc does not need to be adjusted or set to a predetermined voltage and pin 1 should be grounded (pin 1 can be left open but should not be set to a voltage such as an RF signal or power supply voltage. VCXO Function Table 3. Pinout Pin # Symbol Function 1V C TCXO Control Voltage or Ground 2 GND Electrical and Lid Ground 3f o Output Frequency 4V DD Supply Voltage Outline Drawing Recommended Pad Layout Maximum Ratings Absolute Maximum Ratings and Handling Precautions Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied or any other excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability. Although ESD protection circuitry has been designed into the VT-820, proper precautions should be taken when handling and mounting, VI employs a Human Body Model and Charged Device Model for ESD susceptibility testing and design evaluation. ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry standard has been adopted for the CDM a standard resistance of 1.5kOhms and capacitance of 100pF is widely used and therefor can be used for comparison purposes. Table 4. Maximum Ratings Parameter Symbol Rating Unit Storage Temperature T STORE -40/85 ºC Supply Voltage V DD 6V Control Voltage V C 0/V DD V ESD, Human Body Model 1000 V ESD, Charged Device Model 1000 V 12 3 4 2 1 3 4 2.5±0.2 3.2±0.2 1.0 max 0.55±0.1 0.65 0.85 1.95 Package drawing for the ±0.5ppm over -30/80°C and <±2ppm over -40/85°C stability options Frequency Date Code 2.60 1.25 1.0±0.1 1.65 |
Numéro de pièce similaire - TCXO-820-EFJ-256 |
|
Description similaire - TCXO-820-EFJ-256 |