Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCXO-820-EFR-206 Fiches technique(PDF) 3 Page - Vectron International, Inc

No de pièce TCXO-820-EFR-206
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TCXO-820-EFR-206 Fiches technique(HTML) 3 Page - Vectron International, Inc

  TCXO-820-EFR-206 Datasheet HTML 1Page - Vectron International, Inc TCXO-820-EFR-206 Datasheet HTML 2Page - Vectron International, Inc TCXO-820-EFR-206 Datasheet HTML 3Page - Vectron International, Inc TCXO-820-EFR-206 Datasheet HTML 4Page - Vectron International, Inc TCXO-820-EFR-206 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page3
VCXO Feature: The VT-820 can be ordered with a VCXO function for applications were it will be used in a PLL, or the output
frequency needs fine tune or calibration adjustments. This is a high impedance input , 500KMohm, and can be driven with an op-
amp or terminated with adjustable resistors etc. Pin 1 should not be left floating on the VCXO optional device.
“No Adjust” Option: In applications were the VT-820 will not be used in a PLL , or the output frequency does not need fine tune
adjustments, the best device to use would be a VT-820-xxx-xxx0. By using the “no adjust” option, the circuit is simplified as Vc
does not need to be adjusted or set to a predetermined voltage and pin 1 should be grounded (pin 1 can be left open but should
not be set to a voltage such as an RF signal or power supply voltage.
VCXO Function
Table 3. Pinout
Pin #
Symbol
Function
1V
C
TCXO Control Voltage or Ground
2
GND
Electrical and Lid Ground
3f
o
Output Frequency
4V
DD
Supply Voltage
Outline Drawing
Recommended Pad Layout
Maximum Ratings
Absolute Maximum Ratings and Handling Precautions
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied
or any other excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum
ratings for extended periods may adversely affect device reliability.
Although ESD protection circuitry has been designed into the VT-820, proper precautions should be taken when handling
and mounting, VI employs a Human Body Model and Charged Device Model for ESD susceptibility testing and design
evaluation.
ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry standard has been
adopted for the CDM a standard resistance of 1.5kOhms and capacitance of 100pF is widely used and therefor can be used for
comparison purposes.
Table 4. Maximum Ratings
Parameter
Symbol
Rating
Unit
Storage Temperature
T
STORE
-40/85
ºC
Supply Voltage
V
DD
6V
Control Voltage
V
C
0/V
DD
V
ESD, Human Body Model
1000
V
ESD, Charged Device Model
1000
V
12
3
4
2
1
3
4
2.5±0.2
3.2±0.2
1.0 max
0.55±0.1
0.65
0.85
1.95
Package drawing for the ±0.5ppm over -30/80°C and <±2ppm over -40/85°C stability options
Frequency
Date Code
2.60
1.25
1.0±0.1
1.65


Numéro de pièce similaire - TCXO-820-EFR-206

FabricantNo de pièceFiches techniqueDescription
logo
Vectron International, ...
TCXO-800-DFJ-106 VECTRON-TCXO-800-DFJ-106 Datasheet
225Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-800-DFJ-156 VECTRON-TCXO-800-DFJ-156 Datasheet
225Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-800-DFJ-206 VECTRON-TCXO-800-DFJ-206 Datasheet
225Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-800-DFJ-507 VECTRON-TCXO-800-DFJ-507 Datasheet
225Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-800-DFK-106 VECTRON-TCXO-800-DFK-106 Datasheet
225Kb / 5P
   Temperature Compensated Crystal Oscillator
More results

Description similaire - TCXO-820-EFR-206

FabricantNo de pièceFiches techniqueDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com