Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCXO-800-GFR-156 Fiches technique(PDF) 5 Page - Vectron International, Inc

No de pièce TCXO-800-GFR-156
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TCXO-800-GFR-156 Fiches technique(HTML) 5 Page - Vectron International, Inc

  TCXO-800-GFR-156 Datasheet HTML 1Page - Vectron International, Inc TCXO-800-GFR-156 Datasheet HTML 2Page - Vectron International, Inc TCXO-800-GFR-156 Datasheet HTML 3Page - Vectron International, Inc TCXO-800-GFR-156 Datasheet HTML 4Page - Vectron International, Inc TCXO-800-GFR-156 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page5
Table 7. Standard Frequencies (MHz)
10.000
10.245
12.504
12.800
13.000
13.568
14.000
14.31818
14.4844
14.7456
15.000
16.000
16.325291
16.36625
16.367667
16.3683
16.396
16.800
17.500
18.414
19.200
19.440
19.6608
19.680
19.800
20.000
20.910
21.250
23.104
24.000
24.5454
24.5535
24.576
25.000
25.600
26.000
27.000
27.456
28.800
32.768
40.000
Ordering Information
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 1/10/2009
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
VT-800- E F G - 206A- xxMxxxxxxx
Product
TCXO
Voltage Options
D: +5.0 Vdc ±5%
E: +3.3 Vdc ±5%
F: +3.0 Vdc ±5%
G: +2.8 Vdc ±5%
Output
F: Clipped Sine Wave
Stability
507: ±0.5ppm
106: ±1ppm
156: ±1.5ppm
206: ±2.0ppm
256: ±2.5ppm
306: ±3.0ppm
356: ±3.5ppm
406: ±4.0ppm
506: ±5.0ppm
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
R: 0 /55°C
K: -10/60°C
J: -20/70°C
G: -30/80°C
E: -40/85°C
Tuning
0: Fixed, No tuning
A: ±5ppm
B: ±8ppm
C: ±10ppm
D: ±12ppm
Package
3.2x5 Ceramic
Example: VT-800-EFG-206A-26M0000000


Numéro de pièce similaire - TCXO-800-GFR-156

FabricantNo de pièceFiches techniqueDescription
logo
Vectron International, ...
TCXO-820-EFG-106 VECTRON-TCXO-820-EFG-106 Datasheet
218Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-820-EFG-156 VECTRON-TCXO-820-EFG-156 Datasheet
218Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-820-EFG-206 VECTRON-TCXO-820-EFG-206 Datasheet
218Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-820-EFG-256 VECTRON-TCXO-820-EFG-256 Datasheet
218Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-820-EFG-306 VECTRON-TCXO-820-EFG-306 Datasheet
218Kb / 5P
   Temperature Compensated Crystal Oscillator
More results

Description similaire - TCXO-800-GFR-156

FabricantNo de pièceFiches techniqueDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com