Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CHR3662-QDG Fiches technique(PDF) 10 Page - United Monolithic Semiconductors

No de pièce CHR3662-QDG
Description  7-16GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UMS [United Monolithic Semiconductors]
Site Internet  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3662-QDG Fiches technique(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHR3662-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 9Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 10Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 11Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 12Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 13Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 14Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CHR3662-QDG
7-16GHz Down Converter
Ref. : DSCHR3662-QDG9169 - 18 Jun 09
10/16
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Input IP3 @Freq_RF=12GHz, Freq_IF= 3.5GHz & V2=V3=-1.5V
versus T & P_RF (Double Carrier)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-25
-20
-15
-10
-5
Input Power (dBm)
T=-40°C
T=25°C
T=85°C
Input IP3 @Freq_RF=12GHz, Freq_IF= 3.5GHz & T=25°C
versus V2,V3 & P_RF (Double Carrier)
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
-20
-15
-10
Input Power (dBm)
Vx=-1,5V
Vx=-0,6V
Vx=-0,2V


Numéro de pièce similaire - CHR3662-QDG

FabricantNo de pièceFiches techniqueDescription
logo
United Monolithic Semic...
CHR3662-QDG UMS-CHR3662-QDG Datasheet
564Kb / 16P
   7-16GHz Integrated Down Converter
CHR3662-QDG UMS-CHR3662-QDG_15 Datasheet
564Kb / 16P
   7-16GHz Integrated Down Converter
More results

Description similaire - CHR3662-QDG

FabricantNo de pièceFiches techniqueDescription
logo
United Monolithic Semic...
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
   17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHA2066-QAG UMS-CHA2066-QAG_15 Datasheet
211Kb / 12P
   GaAs Monolithic Microwave IC in SMD leadless package
CHR3662-QDG UMS-CHR3662-QDG_15 Datasheet
564Kb / 16P
   7-16GHz Integrated Down Converter
CHA2411-QDG UMS-CHA2411-QDG Datasheet
684Kb / 10P
   GaAs Monolithic Microwave IC In QFN package
CHC2442-QPG UMS-CHC2442-QPG Datasheet
1Mb / 18P
   Monolithic Microwave IC in SMD leadless package
CHR2391 UMS-CHR2391_11 Datasheet
207Kb / 6P
   12-16GHz Integrated Down Converter
CHT4016 UMS-CHT4016 Datasheet
1Mb / 10P
   4-16GHz 6-BIT DIGITAL ATTENUATOR GaAs Monolithic Microwave IC
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
   12-16GHz Integrated Down Converter
CHR3763-QDG UMS-CHR3763-QDG Datasheet
861Kb / 16P
   12-16GHz Integrated Down Converter
CHR3362-QEG UMS-CHR3362-QEG Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com