Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC2384 Fiches technique(PDF) 3 Page - Transcom, Inc.

No de pièce TC2384
Description  Low Noise and Medium Power Packaged GaAs FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCOM [Transcom, Inc.]
Site Internet  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2384 Fiches technique(HTML) 3 Page - Transcom, Inc.

  TC2384 Datasheet HTML 1Page - Transcom, Inc. TC2384 Datasheet HTML 2Page - Transcom, Inc. TC2384 Datasheet HTML 3Page - Transcom, Inc. TC2384 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TC2384
REV4_20070507
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
3/4
TYPICAL SCATTERING PARAMETERS (TA=25
°°°°C) V
DS = 6 V, IDS = 80 mA
10.0
5.0
3.0
4.0
-0.2
-0.4
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.3
0.1
Per Div
S12
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
12
4
Per Div
S21
10.0
5.0
3.0
4.0
-0.2
-0.4
Swp Max
18GHz
Swp Min
2GHz
S22
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.6559
-101.42
8.8014
102.10
0.0529
48.53
0.3060
-55.14
3
0.5593
-135.25
6.6701
77.33
0.0667
37.63
0.2514
-70.66
4
0.5077
-161.12
5.3165
58.86
0.0806
32.26
0.2141
-79.92
5
0.4832
177.01
4.4496
42.81
0.0943
25.52
0.1859
-88.34
6
0.4770
157.25
3.8380
28.27
0.1059
20.25
0.1526
-97.77
7
0.4928
136.83
3.3923
11.97
0.1192
10.68
0.1177
-110.32
8
0.5202
119.77
3.0403
-2.02
0.1312
1.68
0.0735
-125.90
9
0.5607
102.92
2.7518
-17.09
0.1436
-7.43
0.0383
176.78
10
0.6016
83.77
2.5281
-32.72
0.1546
-18.09
0.0808
106.46
11
0.6547
68.23
2.3173
-47.73
0.1634
-29.48
0.1524
83.34
12
0.6928
53.33
2.1133
-62.30
0.1685
-39.66
0.2316
70.85
13
0.7311
39.90
1.9055
-77.43
0.1694
-51.11
0.2935
57.27
14
0.7576
25.70
1.7215
-92.81
0.1714
-63.42
0.3390
46.50
15
0.7794
13.55
1.5553
-106.68
0.1764
-74.73
0.3648
35.11
16
0.7819
2.70
1.4252
-120.08
0.1801
-86.87
0.3774
24.30
17
0.7981
-4.90
1.3466
-132.09
0.1916
-96.44
0.3697
15.38
18
0.7817
-11.91
1.2907
-143.23
0.2043
-109.22
0.3548
8.72


Numéro de pièce similaire - TC2384

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TC2381 TRANSCOM-TC2381 Datasheet
279Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
More results

Description similaire - TC2384

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TC2381 TRANSCOM-TC2381 Datasheet
279Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1304 TRANSCOM-TC1304 Datasheet
261Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
   Low Noise and Medium Power GaAs FETs
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
   Low Noise and Medium Power GaAs FETs
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com