Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1985 Fiches technique(PDF) 2 Page - Transcom, Inc.

No de pièce TC1985
Description  29 - 36 GHz 2W PA MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCOM [Transcom, Inc.]
Site Internet  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1985 Fiches technique(HTML) 2 Page - Transcom, Inc.

  TC1985 Datasheet HTML 1Page - Transcom, Inc. TC1985 Datasheet HTML 2Page - Transcom, Inc. TC1985 Datasheet HTML 3Page - Transcom, Inc. TC1985 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC1985
PRE.1_06/21/2006
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 4
TYPICAL CHARACTERISTICS
Pout VS Freq. & Gain VS Freq.
20
22
24
26
28
30
32
34
36
38
40
29
30
31
32
33
34
35
36
Frequency (GHz)
6
8
10
12
14
16
18
20
22
24
26
←Pout
Gain→


Numéro de pièce similaire - TC1985

FabricantNo de pièceFiches techniqueDescription
logo
Token Electronics Indus...
TC19 TOKEN-TC19 Datasheet
325Kb / 2P
   TC19 Power Gap Toroidal Inductors
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
   30 KHz - 12 GHz MMIC
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
   30 KHz - 12 GHz MMIC
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
   2 - 20 GHz 20 dBm MMIC
TC1902 TRANSCOM-TC1902 Datasheet
271Kb / 4P
   6 - 18 GHz 28dBm PA MMIC
More results

Description similaire - TC1985

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
   14 – 18 GHz 2W PA MMIC
TC5285C TRANSCOM-TC5285C Datasheet
644Kb / 7P
   27 ??29.5 GHz 2W PA MMIC(Chip Form)
logo
Hittite Microwave Corpo...
HMC566 HITTITE-HMC566 Datasheet
317Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
HMC566 HITTITE-HMC566_09 Datasheet
247Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
logo
List of Unclassifed Man...
TC3151 ETC-TC3151 Datasheet
108Kb / 3P
   2.4 GHz 2W MMIC
logo
Transcom, Inc.
TC3141 TRANSCOM-TC3141 Datasheet
89Kb / 3P
   2.4 GHz 2W MMIC
TC3341 TRANSCOM-TC3341 Datasheet
177Kb / 3P
   3.3 - 3.7 GHz 2W MMIC
TC3143 TRANSCOM-TC3143 Datasheet
124Kb / 4P
   2.1 - 2.2 GHz 2W MMIC
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
   33-36 GHz 2W Power Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com