Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBB20CH60C Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FSBB20CH60C
Description  Smart Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB20CH60C Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FSBB20CH60C Datasheet HTML 6Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 7Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 8Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 9Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 10Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 11Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 12Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 13Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
www.fairchildsemi.com
FSBB20CH60CL Rev. D
Time Charts of SPMs Protective Function
a1 : Control supply voltage rises: After the voltage rises UVCCR, the circuits start to operate when next input is applied.
a2 : Normal operation: IGBT ON and carrying current.
a3 : Under voltage detection (UVCCD).
a4 : IGBT OFF in spite of control input condition.
a5 : Fault output operation starts.
a6 : Under voltage reset (UVCCR).
a7 : Normal operation: IGBT ON and carrying current.
Figure 8. Under-Voltage Protection (Low-side)
b1 : Control supply voltage rises: After the voltage reaches UVBSR, the circuits start to operate when next input is applied.
b2 : Normal operation: IGBT ON and carrying current.
b3 : Under voltage detection (UVBSD).
b4 : IGBT OFF in spite of control input condition, but there is no fault output signal.
b5 : Under voltage reset (UVBSR)
b6 : Normal operation: IGBT ON and carrying current
Figure 9. Under-Voltage Protection (High-side)
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UV
CCR
Protection
Circuit State
SET
RESET
UV
CCD
a1
a3
a2
a4
a6
a5
a7
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UV
BSR
Protection
Circuit State
SET
RESET
UV
BSD
b1
b3
b2
b4
b6
b5
High-level (no fault output)


Numéro de pièce similaire - FSBB20CH60C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
470Kb / 17P
   Smart Power Module
logo
ON Semiconductor
FSBB20CH60C ONSEMI-FSBB20CH60C Datasheet
662Kb / 16P
   Motion SPM짰 3 Series
February 2016 Rev. 1.6
logo
Fairchild Semiconductor
FSBB20CH60CT FAIRCHILD-FSBB20CH60CT Datasheet
414Kb / 17P
   Smart Power Module
logo
ON Semiconductor
FSBB20CH60CT ONSEMI-FSBB20CH60CT Datasheet
586Kb / 16P
   Motion SPM 3 Series
January 2014 Rev. C3
More results

Description similaire - FSBB20CH60C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com