Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMB138B Fiches technique(PDF) 1 Page - Summit Microelectronics, Inc.

No de pièce SMB138B
Description  Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMMIT [Summit Microelectronics, Inc.]
Site Internet  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB138B Fiches technique(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB138B Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB138B Datasheet HTML 2Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMB138/A/C
© SUMMIT Microelectronics, Inc. 2004 • 757 N. Mary Avenue • Sunnyvale CA 94085 • Phone 408 523-1000 • FAX 408 523-1266
http://www.summitmicro.com/
3.0 4/5/2008
1
Programmable Switch-mode, USB/AC Input Li+ Battery Charger with TurboCharge™ Mode
and USB “On- the-Go” Power
CONFIDENTIAL
DO NOT COPY
INTRODUCTION
USB or AC input with programmable input current limiting
Up to 1.25A continuous charging current from AC adapter
Up to 750mA charging current from 500mA USB port using
automatic TurboCharge™ mode
+4.35 to +6.2V input voltage range (+16V tolerant)
Two product options:
o
SMB138A: charger off until I
2C command initiation,
enable/disable control via I
2C
o
SMB138C: charger powers up in charging mode,
enable/disable control via I
2C
USB “On-the-Go” Power support for USB OTG enabled
devices (+5V reverse output @ 200mA)
Reverse current blocking (<5uA)
High-efficiency 3MHz voltage-mode step-down regulator
Integrated frequency compensation
Internal power MOSFETs and precision current sensing
High-accuracy float voltage regulation: 1%
Thermal regulation (current foldback)
Trickle charging
Pre-charge and complete-charge (36/240min) safety timers
Digital programming of all major parameters via I
2C interface
o
Fast charge voltage threshold, float voltage
o
Pre-charge, fast charge, termination current
Status register monitors and flags charger operation
o
Charge in-progress/termination
o
Charge timer fault
o
OC/UV/OV detection/shutdown
uCSP-19 lead-free package (0.4mm ball pitch)
Applications
2.5/3/3G+ GSM/CDMA/WCDMA Phones
Smartphones/PDAs
Portable Media Players
Portable GPS Terminals
The SMB138 is a programmable single-cell lithium-ion/lithium-polymer
battery charger designed for a variety of portable applications. The
device provides a simple and efficient way to charge high-capacity Li-
Ion batteries via a USB or AC adapter input. Unlike conventional
devices, the SMB138’s high-efficiency, switch-mode operation
eliminates the thermal problems of conventional linear solutions. Also
the buck converter architecture effectively multiplies the input current
to increase charge rate for the Li+ cell and uses current limited
supplies like USB more efficiently. The SMB138 also supports USB
On-the-Go devices by providing the required USB-OTG +5V power
supply using the Li-Ion battery as a source.
The SMB138 can switch between USB mode and AC Adapter mode
and works seamlessly in conjunction with a USB controller. Charge
control includes qualification, trickle-charge, pre-charge, constant
current/constant voltage, float voltage and termination/safety settings
that are fully programmable via a serial I
2C/SMBus and stored in non-
volatile memory making the device truly a flexible solution.
Fast
charge current level can be set via I
2C (limited in USB mode to ensure
100mA or 500mA input). Built-in is reverse-current blocking to prevent
inadvertent cell discharge. High frequency operation and integrated
power FETs contribute to reduced external component count and size.
The SMB138A device requires a user I
2C command for charging
initiation, whereas the SMB138C device powers up in the charging
mode. The SMB138C offers the option to automatically charge the
battery only when the battery voltage is below a selectable “dead-
battery” threshold.
The SMB138 also offers several features that protect the battery pack
as well as the charger and input circuitry: over-current, under/over-
voltage and thermal protection.
Ultra-accurate, 1% battery float
voltage control improves battery capacity utilization. The STAT output
is an interrupt to flag various status/flag events (programmable
selection) and the status register can be read via the serial port. The
SMB138 is available in an ultra-compact lead-free uCSP-19 package
and is rated over the –30C to +85C temperature range.
SYSTEM APPLICATION
FEATURES & APPLICATIONS
Handheld System
USB
USB
USB
500mA
4.35V-5.5V
AC/DC
300-1800mA
4.5V-6.2V
I2C
System
SMB138
Li-Ion
USB
Total Output
550-1250mA
To system
USB-OTG Output
500mA
Figure 1 – Using the SMB138 to charge a single cell Li+ battery from USB or AC Adapter power sources


Numéro de pièce similaire - SMB138B

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
SMB13 LITEON-SMB13 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB13 MIC-SMB13 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB13 LUGUANG-SMB13 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB130 LITEON-SMB130 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB130 MIC-SMB130 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - SMB138B

FabricantNo de pièceFiches techniqueDescription
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135_08 Datasheet
623Kb / 34P
   Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
   Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
SMB136 SUMMIT-SMB136 Datasheet
149Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB137B SUMMIT-SMB137B Datasheet
152Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
   28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Summit Microelectronics...
SMB137C SUMMIT-SMB137C Datasheet
45Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath Manager,TurboChargeTM Mode, Low Battery Recovery, AICLand USB OTG/HDMI/MHL Support
logo
Maxim Integrated Produc...
MAX8606 MAXIM-MAX8606 Datasheet
170Kb / 12P
   USB/AC Adapter, Li Linear Battery Charger with Integrated 50mOHM Battery Switch in TDFN
Rev 0; 8/05
MAX8606 MAXIM-MAX8606_08 Datasheet
178Kb / 14P
   USB/AC Adapter, Li Linear Battery Charger with Integrated 50mΩ Battery Switch in TDFN
Rev 1; 12/08
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com