Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA2104 Fiches technique(PDF) 4 Page - Silan Microelectronics Joint-stock

No de pièce SA2104
Description  3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2104 Fiches technique(HTML) 4 Page - Silan Microelectronics Joint-stock

  SA2104 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SA2104/SA2104S
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.07.31
Http: www.silan.com.cn
Page 4 of 13
PIN CONFIGURATION
PIN DESCRIPTIONS AND QUIESCENT VOLTAGE
Pin voltage (Typ.) (V)
Pin
No.
Symbol
Pin description
Internal circuit
AM
FM
1
RF GND
GND for FM OSC stage
--
0
0
2
FM-RFin
FM-RF input pin.
0
0.8
3
AM
LOW
CUT
AM low frequency cut down
pin
1.0
--
4
MIX OUT
AM/FM mixer output pin.
3.0
0.5
5
VCC
VCC for AM, FM IF, FM
MPX stage
--
3.0
3.0
(To be continued)


Numéro de pièce similaire - SA2104

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SA210 WTE-SA210 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Bedford Opto Technology...
SA210 BOT-SA210 Datasheet
42Kb / 2P
   5mm LED Assembly Single Way to 4 Way
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
SA210 PANJIT-SA210 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

Description similaire - SA2104

FabricantNo de pièceFiches techniqueDescription
logo
Silan Microelectronics ...
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
   3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
logo
Toshiba Semiconductor
TA8132AN TOSHIBA-TA8132AN Datasheet
692Kb / 20P
   3V AM/FM IFMPX (FOR DIGITAL TUNING SYSTEM)
TA8132AN TOSHIBA-TA8132AN Datasheet
1Mb / 21P
   3V AM / FM IF MPX (For Digital Tuning System)
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2008AN TOSHIBA-TA2008AN Datasheet
422Kb / 12P
   5V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008AN TOSHIBA-TA2008AN_02 Datasheet
741Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2149BN TOSHIBA-TA2149BN Datasheet
243Kb / 15P
   3 V AM/FM 1 Chip Tuner IC (for Digital Tuning System)
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
KA22900-D SAMSUNG-KA22900-D Datasheet
242Kb / 10P
   AM/FM TUNER MPX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com