Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA1469XH Fiches technique(PDF) 5 Page - Silan Microelectronics Joint-stock

No de pièce SA1469XH
Description  4-CH BTL DRIVER FOR CD PLAYER WITH 5.0V OUTPUT VOLTAGE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1469XH Fiches technique(HTML) 5 Page - Silan Microelectronics Joint-stock

  SA1469XH Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SA1469XH
4)
When the voltage of the mute pin is above 2V, the mute circuit is stopped and the output circuit is operated
normally.
5)
If the chip temperature rises above 175
°C, then the TSD (Thermal Shutdown) circuit is activated and the
output circuit is muted.
2. TSD (THERMAL SHUTDOWN)
Output Driver
Bias
R2
R1
Qn
VREF
1)
The VREF is the output voltage of the band-gap-referenced biasing circuit and acts as the input voltage of the
TSD circuit.
2)
The base-emitter voltage of the TR, Qn is designed to turn-on at below voltage.
VBE=VREF * R2/(R1+R2)=460mV
3)
When the chip temperature rises up to 175
°C, then the turn-on voltage of the Qn would drop down to 460mV.
(Hysteresis: 25
°) and, the Qn would turn on so the output circuit will be muted.
3. OP-AMP
OP-Amp is integrated in the IC for user convenuence.
OPIN(+)
OPIN(-)
OPOUT
Pins 14, 15 and 16 may be left open when the operational amplifier is not used.
4. DRIVER
1)
The voltage, VREF, is the reference voltage given by the BIAS voltage of the pin # 23.
2)
The input signal through the pin # 3 is amplified by 13K/10K times and then fed to the level shift.
3)
The level shift produces the current due to the difference between the input signal and the arbitrary reference
signal. The current produced as +
ΔV and -ΔV is fed into the driver buffer.
4)
Driver buffer operates the power TR of the output stage according to the state of the input signal.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2008.07.23
Http://www.silan.com.cn
Page 5 of 11


Numéro de pièce similaire - SA1469XH

FabricantNo de pièceFiches techniqueDescription
logo
Silan Microelectronics ...
SA1469PH SILAN-SA1469PH Datasheet
654Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469TN SILAN-SA1469TN Datasheet
665Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
More results

Description similaire - SA1469XH

FabricantNo de pièceFiches techniqueDescription
logo
Silan Microelectronics ...
SA1469PH SILAN-SA1469PH Datasheet
654Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469TN SILAN-SA1469TN Datasheet
665Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA9258 SILAN-SA9258 Datasheet
713Kb / 10P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
logo
Rohm
BA5938FM ROHM-BA5938FM Datasheet
82Kb / 9P
   4ch BTL driver for CD player
logo
Silan Microelectronics ...
SA9259 SILAN-SA9259 Datasheet
216Kb / 10P
   5-CH BRL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
logo
Rohm
BA5977FP ROHM-BA5977FP Datasheet
141Kb / 12P
   4ch BTL driver for CD player
logo
Sanyo Semicon Device
LA6242H SANYO-LA6242H_09 Datasheet
159Kb / 9P
   For CD Player 4-channel Bridge (BTL) Driver
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
   4-ch Motor Driver for CD/VCD Player
logo
Rohm
BA5921FP ROHM-BA5921FP Datasheet
146Kb / 9P
   4-channel BTL driver for CD player and CD-ROM drives
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
   4-ch BTL Motor Driver for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com