Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA1469XH Fiches technique(PDF) 2 Page - Silan Microelectronics Joint-stock

No de pièce SA1469XH
Description  4-CH BTL DRIVER FOR CD PLAYER WITH 5.0V OUTPUT VOLTAGE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1469XH Fiches technique(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA1469XH Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA1469XH Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SA1469XH
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
Characteristics
Symbol
Value
Unit
Supply Voltage
VCC
12
V
Power Dissipation
PD
1.7(Note)
W
Operating Temperature
Topr
-40~85
°C
Storage Temperature
Tstg
-55~150
°C
Maximum Output Current
Imax
1
A
Note: 1. When mounted on 76mm x 114mm x 1.57mm PCB (Phenolic resin material).
2. Power dissipation reduces 13.6mW /
°C for using above Tamb=25 °C.
3. Do not exceed Pd and SOA (Safe Operating Area).
2.0
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2008.07.23
Http://www.silan.com.cn
Page 2 of 11
0.5
0
1.0
0
25
50
75
100
125
150
175
Ambient temperature: ( Tamb ℃)
1.5
ELECTRICAL CHARACTERISTICS (Tamb=25°C, VCC=8.0V, unless otherwise specified)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
A REGULATOR PART
Regulator Output Voltage
VREG
IL=100mA
4.75
5
5.25
V
Load Regulation
ΔVRL
IL=0mA to 200mA
-40.0
0
10.0
mV
Line Regulation
ΔVCC
IL=200mA, VCC=6 to 9V
-10.0
0
20.0
mV
B DRIVER PART
Quiescent Circuit Current
ICCQ
VI=0
5.5
9.5
13.5
mA
Input Offset Voltage
VOF
-
-5.0
0
5.0
mV
Output Offset Voltage
VOO
-
-30
0
30
mV
Maximum Sink Current
ISINK
RL=4
Ω, VCC
0.5
0.8
--
A
Maximum Source Current
ISOU
RL=4
Ω, GND
0.5
0.8
--
A
Maximum Output Voltage
VOM
VI=2VRMS, 1kHz
2.5
3.0
--
V
Closed Loop Voltage Gain
A/F
VI=0.1VRMS, 1kHz
7.0
8.0
9.0
dB
Ripple Rejection Ratio
RR
VI=-20dB, 120Hz
60.0
80.0
--
dB
Slew Rate
SR
100Hz, squarewave
1.0
2.0
--
V/
μs
(To be continued)


Numéro de pièce similaire - SA1469XH

FabricantNo de pièceFiches techniqueDescription
logo
Silan Microelectronics ...
SA1469PH SILAN-SA1469PH Datasheet
654Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469TN SILAN-SA1469TN Datasheet
665Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
More results

Description similaire - SA1469XH

FabricantNo de pièceFiches techniqueDescription
logo
Silan Microelectronics ...
SA1469PH SILAN-SA1469PH Datasheet
654Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469TN SILAN-SA1469TN Datasheet
665Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA9258 SILAN-SA9258 Datasheet
713Kb / 10P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
logo
Rohm
BA5938FM ROHM-BA5938FM Datasheet
82Kb / 9P
   4ch BTL driver for CD player
logo
Silan Microelectronics ...
SA9259 SILAN-SA9259 Datasheet
216Kb / 10P
   5-CH BRL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
logo
Rohm
BA5977FP ROHM-BA5977FP Datasheet
141Kb / 12P
   4ch BTL driver for CD player
logo
Sanyo Semicon Device
LA6242H SANYO-LA6242H_09 Datasheet
159Kb / 9P
   For CD Player 4-channel Bridge (BTL) Driver
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
   4-ch Motor Driver for CD/VCD Player
logo
Rohm
BA5921FP ROHM-BA5921FP Datasheet
146Kb / 9P
   4-channel BTL driver for CD player and CD-ROM drives
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
   4-ch BTL Motor Driver for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com