Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM6D Fiches technique(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No de pièce SM6D
Description  Double-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SM6D Fiches technique(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SM6D Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SM6D Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SM6D Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V2
SM6D
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 0.05 TO 200 MHz
• RF 0.05 TO 200 MHz
• IF DC TO 200 MHz
• LO DRIVE +7 dBm (nominal)
• HIGH ISOLATION 45 dB (TYP.)
Description
The SM6D is a double balanced mixer, designed for use in mili-
tary, commercial, and test equipment applications. The design
utilizes Schottky ring quad diodes and broadband ferrite baluns to
attain excellent performance. This mixer can also be used as a
phase detector and/or bi-phase modulator since the IF port is DC
coupled to the diodes. Environmental screening is available to
MIL-STD-883, MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
SM6D
Surface Mount
Electrical Specifications: Z0 = 50Ω Lo = +7 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR=0.0002 to 0.05 GHz, fL=0.0002 to 0.05 GHz, fI=0.0002 to 0.05 GHz
fR = 0.05 to 0.2 GHz , fL = 0.05 to 0.2 GHz, fI = 0.05 to 0.2 GHz
fR=0.00005 to 0.000 GHz, fL=0.00005 to 0.000 GHz,
fI=0.00005 to 0.0002 GHz
dB
dB
dB
dB
5.5
7.5
8.0
6.5
8.0
8.5
7.0
8.5
9..0
Isolation, L to R (min)
fL = 0.00005 to 0.03 GHz
fL = 0.03 to 0.2 GHz
dB
dB
60
45
45
35
43
33
Isolation, L to I (min)
fL = 0.00005 to 0.03 GHz
fL = 0.03 to 0.2 GHz
dB
dB
55
40
40
30
38
28


Numéro de pièce similaire - SM6D

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
SM6D MACOM-SM6D Datasheet
137Kb / 2P
   DOUBLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
SM6D MA-COM-SM6D Datasheet
69Kb / 3P
   Double-Balanced Mixer
More results

Description similaire - SM6D

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com