Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF28150J Fiches technique(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

No de pièce UF28150J
Description  RF Power MOSFET Transistor 150W, 100MHz-500MHz, 28V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

UF28150J Fiches technique(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  UF28150J Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. UF28150J Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. UF28150J Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
RF Power MOSFET Transistor
150W, 100MHz-500MHz, 28V
M/A-COM Products
Released; RoHS Compliant
UF28150J
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
HANDLING PROCEDURES: STATIC SENSITIVITY
Please observe the following precautions to avoid damage:
DMOS devices are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control
techniques should be used when handling these devices.
PARTS LIST
C23
C1
C12
C2, 3, 13, 22
C7,16
C4,6,15,17
C18
R1
R2
R3
T1
T2,3,4,5
T6
L1
L2
L3,4
RL1
Q1A, 1B
1.0pF
9.1pF
11pF
270pF
680pF
.015uF
50uF 50V
11K OHM .25 W. 10%
47 OHM .05 W. 10%
12 OHM .25 W. 10%
2.50’ OF 50 OHM (.85’ OD) SEMI-RIGID CABLE
2.50’ OF 10 OHM (.70’ OD) SEMI-RIGID CABLE
2.50’ OF 50 OHM (.141’ OD) SEMI-RIGID CABLE
5uH
16 TURNS OF NO. 18 AWG ON TORID CORE
(INDIANA GENERAL F6278-Q1)
4 TURNS OF NO. 18 AWG ON .125 DIAMETER
9 TURNS OF NO. 18 AWG ON 15 OHM 2 W. 10% RESISTOR
UF28150J
F (MHz)
ZIN (Ω)
ZLOAD (Ω)
100
3.7 - j5.9
3.0 - j0.7
300
2.7 - j5.9
2.6 - j0.55
500
2.5 - j2.9
2.5 - j0.5
VDD = 28V, IDQ = 400mA, POUT = 150W
TYPICAL OPTIMUM DEVICE IMPEDANCES


Numéro de pièce similaire - UF28150J

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
UF28150J MACOM-UF28150J Datasheet
171Kb / 3P
   POWER MOSFET TRANSISTOR 150 WATTS, 100 - 500 MHz, 28 V
logo
M/A-COM Technology Solu...
UF28150J MA-COM-UF28150J Datasheet
213Kb / 3P
   RF Power MOSFET Transistor
UF28150J MA-COM-UF28150J_15 Datasheet
213Kb / 3P
   RF Power MOSFET Transistor
UF28150J MA-COM-UF28150J_17 Datasheet
731Kb / 4P
   RF Power MOSFET Transistor
More results

Description similaire - UF28150J

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
   The RF MOSFET Line 200/150W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
   The RF MOSFET Line 200/150W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU_17 Datasheet
1Mb / 17P
   The RF MOSFET Line 200/150W, 500MHz, 28V
logo
Tyco Electronics
UF2815B MACOM-UF2815B Datasheet
203Kb / 3P
   RF MOSFET Power Transistor, 15W, 28V 100-500MHz
UF2810P MACOM-UF2810P Datasheet
148Kb / 2P
   RF MOSFET Power Transistor, 10W, 28V 100-500MHz
UF28100V MACOM-UF28100V Datasheet
208Kb / 3P
   RF MOSFET Power Transistor, 15W, 28V 100-500MHz
logo
M/A-COM Technology Solu...
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
   The RF MOSFET Line 40W, 500MHz, 28V
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com