Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7520 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADV7520
Description  Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7520 Fiches technique(HTML) 7 Page - Analog Devices

  ADV7520 Datasheet HTML 1Page - Analog Devices ADV7520 Datasheet HTML 2Page - Analog Devices ADV7520 Datasheet HTML 3Page - Analog Devices ADV7520 Datasheet HTML 4Page - Analog Devices ADV7520 Datasheet HTML 5Page - Analog Devices ADV7520 Datasheet HTML 6Page - Analog Devices ADV7520 Datasheet HTML 7Page - Analog Devices ADV7520 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADV7520
Rev. 0 | Page 7 of 8
OUTLINE DIMENSIONS
PIN 1
INDICATOR
TOP
VIEW
8.75
BSC SQ
9.00
BSC SQ
1
64
16
17
49
48
32
33
0.50
0.40
0.30
0.50 BSC
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
7.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
*4.85
4.70 SQ
4.55
EXPOSED PAD
(BOTTOM VIEW)
*COMPLIANT TO JEDEC STANDARDS MO-220-VMMD-4
EXCEPT FOR EXPOSED PAD DIMENSION
SEATING
PLANE
PIN 1
INDICATOR
0.30
0.25
0.18
Figure 3. 64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
9 mm × 9 mm Body, Very Thin Quad
(CP-64-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADV7520BCPZ-801
−25°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-1
ADV7520/PCBZ1
Evaluation Board
1 Z = RoHS Compliant Part.


Numéro de pièce similaire - ADV7520

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NK AD-ADV7520NK Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520NK/PCBZ AD-ADV7520NK/PCBZ Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NK/PCBZ AD-ADV7520NK/PCBZ Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520NKBBCZ-80 AD-ADV7520NKBBCZ-80 Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
More results

Description similaire - ADV7520

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7520NK AD-ADV7520NK_08 Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7524A AD-ADV7524A Datasheet
71Kb / 2P
   Low Power HDMI Transmitter with Consumer Electronic Control (CEC)
ADV7525 AD-ADV7525 Datasheet
79Kb / 2P
   Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7526 AD-ADV7526 Datasheet
63Kb / 2P
   Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
AD9387NK AD-AD9387NK_15 Datasheet
175Kb / 8P
   High Performance, Low Power HDMI/DVI Transmitter
REV. 0
AD9387NK AD-AD9387NK Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
logo
Shenzhen Guan Hua Wei Y...
WSF12N10G WIINSOK-WSF12N10G Datasheet
934Kb / 5P
   Consumer electronic power supply Motor control
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com