Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7520 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADV7520
Description  Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7520 Fiches technique(HTML) 4 Page - Analog Devices

  ADV7520 Datasheet HTML 1Page - Analog Devices ADV7520 Datasheet HTML 2Page - Analog Devices ADV7520 Datasheet HTML 3Page - Analog Devices ADV7520 Datasheet HTML 4Page - Analog Devices ADV7520 Datasheet HTML 5Page - Analog Devices ADV7520 Datasheet HTML 6Page - Analog Devices ADV7520 Datasheet HTML 7Page - Analog Devices ADV7520 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADV7520
Rev. 0 | Page 4 of 8
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Digital Inputs
−0.3 V to +5 V
Digital Output Current
20 mA
Operating Temperature Range
−40°C to +100°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Maximum Case Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at 25°C and sample tested at
specified temperatures.
III.
Sample tested only.
IV.
Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI.
100% production tested at 25°C; guaranteed by design
and characterization testing.
VII.
Limits defined by HDMI specification; guaranteed by
design and characterization testing.
VIII.
Guaranteed by design.
ESD CAUTION


Numéro de pièce similaire - ADV7520

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NK AD-ADV7520NK Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520NK/PCBZ AD-ADV7520NK/PCBZ Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NK/PCBZ AD-ADV7520NK/PCBZ Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520NKBBCZ-80 AD-ADV7520NKBBCZ-80 Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
More results

Description similaire - ADV7520

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7520NK AD-ADV7520NK_08 Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7524A AD-ADV7524A Datasheet
71Kb / 2P
   Low Power HDMI Transmitter with Consumer Electronic Control (CEC)
ADV7525 AD-ADV7525 Datasheet
79Kb / 2P
   Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7526 AD-ADV7526 Datasheet
63Kb / 2P
   Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
AD9387NK AD-AD9387NK_15 Datasheet
175Kb / 8P
   High Performance, Low Power HDMI/DVI Transmitter
REV. 0
AD9387NK AD-AD9387NK Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
logo
Shenzhen Guan Hua Wei Y...
WSF12N10G WIINSOK-WSF12N10G Datasheet
934Kb / 5P
   Consumer electronic power supply Motor control
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com