Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7626 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7626 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7626 Datasheet HTML 6Page - Analog Devices AD7626 Datasheet HTML 7Page - Analog Devices AD7626 Datasheet HTML 8Page - Analog Devices AD7626 Datasheet HTML 9Page - Analog Devices AD7626 Datasheet HTML 10Page - Analog Devices AD7626 Datasheet HTML 11Page - Analog Devices AD7626 Datasheet HTML 12Page - Analog Devices AD7626 Datasheet HTML 13Page - Analog Devices AD7626 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7626
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VDD1 = 5 V; VDD2 = 2.5 V; VIO = 2.5 V; REF = 4.096 V; all plots at 10 MSPS unless otherwise noted. FFT plots for 2 MHz, 3 MHz, and
5 MHz input tones use band pass filter (±400 kHz pass bandwidth around fundamental frequency).
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
030
10
50
70
90
FREQUENCY (kHz)
INPUT FREQUENCY = 10.37kHz
SNR = 91.85dB
SINAD = 91.8dB
THD = –112.1dB
SFDR = 112.85dB
32k SAMPLES
Figure 5. 10 kHz, −0.5 dB Input Tone, Zoomed View
0
–20
–40
–60
FIFTH
HARMONIC
THIRD
HARMONIC
SECOND
HARMONIC
–80
–100
–120
–140
–160
–180
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (MHz)
INPUT FREQUENCY = 2.0026MHz
–0.5dB INPUT AMPLITUDE
SNR = 87.4dBFS
SINAD = 84.8dBFS
THD = –87.9dB
SFDR = 88.1dB
64k SAMPLES
Figure 6. FFT, 2 MHz, −0.5 dB Input Tone, Wide View
0
–20
–40
–60
SECOND
HARMONIC
THIRD
HARMONIC
–80
–100
–120
–140
–160
–180
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (MHz)
INPUT FREQUENCY = 3.00125MHz
–0.5dB INPUT AMPLITUDE
SNR = 87.1dBFS
SINAD = 81.2dBFS
THD = –82.0dB
SFDR = 82.1dB
64k SAMPLES
FOURTH
HARMONIC
FIFTH
HARMONIC
Figure 7. FFT, 3 MHz, −0.5 dB Input Tone, Wide View
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
05
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
FREQUENCY (MHz)
.0
INPUT FREQUENCY = 100kHz
SNR = 91.323dB
SINAD = 91.047dB
THD = –102.543dB
SFDR = 104.529dB
Figure 8.100 kHz, −0.5 dB Input Tone FFT, Full Frequency View
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FIFTH
HARMONIC
FREQUENCY (MHz)
INPUT FREQUENCY = 2.0026MHz
–6dB INPUT AMPLITUDE
SNR = 87.6dBFS
SINAD = 87.6dBFS
THD = –101.6dB
SFDR = 101.9dB
64k SAMPLES
THIRD
HARMONIC
SECOND
HARMONIC
Figure 9. FFT, 2 MHz, −6 dB Input Tone, Wide View
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (MHz)
INPUT FREQUENCY = 3.00125MHz
–6dB INPUT AMPLITUDE
SNR = 88.48dBFS
SINAD = 88.3dBFS
THD = –97.2dB
SFDR = 98.3dB
64k SAMPLES
THIRD
HARMONIC
FOURTH
HARMONIC
SECOND
HARMONIC
FIFTH
HARMONIC
Figure 10. FFT, 3 MHz, −6 dB Input Tone, Wide View


Numéro de pièce similaire - AD7626

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7626 AD-AD7626 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7626 AD-AD7626 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7626BCPZ AD-AD7626BCPZ Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
More results

Description similaire - AD7626

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7625 AD-AD7625 Datasheet
160Kb / 11P
   16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7903BRQZ AD-AD7903BRQZ Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com