Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5293 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD5293
Description  Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5293 Fiches technique(HTML) 5 Page - Analog Devices

  AD5293 Datasheet HTML 1Page - Analog Devices AD5293 Datasheet HTML 2Page - Analog Devices AD5293 Datasheet HTML 3Page - Analog Devices AD5293 Datasheet HTML 4Page - Analog Devices AD5293 Datasheet HTML 5Page - Analog Devices AD5293 Datasheet HTML 6Page - Analog Devices AD5293 Datasheet HTML 7Page - Analog Devices AD5293 Datasheet HTML 8Page - Analog Devices AD5293 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD5293
Rev. 0 | Page 5 of 20
INTERFACE TIMING SPECIFICATIONS
VDD = VSS = ±15 V, VLOGIC = 2.7 V to 5.5 V, and −40°C < TA < +105°C. All specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Limit1
Unit
Test Conditions/Comments
t12
20
ns min
SCLK cycle time
t2
10
ns min
SCLK high time
t3
10
ns min
SCLK low time
t4
10
ns min
SYNC to SCLK falling edge setup time
t5
5
ns min
Data setup time
t6
5
ns min
Data hold time
t7
1
ns min
SCLK falling edge to SYNC rising edge
t8
4003
ns min
Minimum SYNC high time
t9
14
ns min
SYNC rising edge to next SCLK falling edge ignore
t104
1
ns min
RDY rise to SYNC falling edge
t114
40
ns max
SYNC rise to RDY fall time
t124
2.4
μs max
RDY low time, RDAC register write command execute time (R-Perf mode)
410
ns max
RDY low time, RDAC register write command execute time (normal mode)
1.5
ms max
Software\hardware reset
t134
450
ns max
RDY low time, RDAC register read command execute time
t144
450
ns max
SCLK rising edge to SDO valid
tRESET
20
ns min
Minimum RESET pulse width (asynchronous)
tPOWER-UP5
2
ms max
Power-on time to half scale
1 All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2 Maximum SCLK frequency = 50 MHz.
3 Refer to t12 and t13 for RDAC register command operations.
4 RPULL_UP = 2.2 kΩ to VLOGIC with a capacitance load of 168 pF.
5 Typical power supply voltage slew rate of 2 ms/V.
DATA BITS
DB9 (MSB)
DB0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
CONTROL BITS
C0
C1
C2
D9
D8
C3
0
0
Figure 2. Shift Register Contents


Numéro de pièce similaire - AD5293

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5293 AD-AD5293 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
938Kb / 24P
   Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Rev. D
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293BRUZ-100-RL7 AD-AD5293BRUZ-100-RL7 Datasheet
938Kb / 24P
   Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Rev. D
AD5293BRUZ-100-RL7 AD-AD5293BRUZ-100-RL7 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
More results

Description similaire - AD5293

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
938Kb / 24P
   Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Rev. D
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com