Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM55161A-75HKCI Fiches technique(PDF) 5 Page - Austin Semiconductor

No de pièce SM55161A-75HKCI
Description  262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUSTIN [Austin Semiconductor]
Site Internet  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SM55161A-75HKCI Fiches technique(HTML) 5 Page - Austin Semiconductor

  SM55161A-75HKCI Datasheet HTML 1Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 2Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 3Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 4Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 5Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 6Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 7Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 8Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
VRAM
SM55161A
Production
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
5
SMJ55161A
Rev. 1.6
03/05
TABLE 1: DRAM & SAM FUNCTIONS
CASx\
FALL
CASx\
2
TRG\
WE\
DSF
DSF
RAS\
CASX\
3
RAS\
CASL\
CASU\
WE\
Reserved (do not use)
L
L
L
L
X
X
X
X
X
---
CBR refresh (no reset) and stop-
point set
4
LX
L
H
X
Stop
point
5
X
X
X
CBRS
CBR refresh (option reset)
6
L
X
H
L
X
X
X
X
X
CBR
CBR refresh (no reset)
7
L
X
H
H
X
X
X
X
X
CBRN
Full-register-transfer read
H
L
H
L
X
Row
Address
Tap
Point
XX
RT
Split-register-transfer read
H
L
H
H
X
Row
Address
Tap
Point
X
X
SRT
DRAM write
(nonpersistent write-per-bit)
H
H
LLL
Row
Address
Column
Address
Write
Mask
Valid
Data
RWM
DRAM block write
(nonpersistent write-per-bit)
HH
L
L
H
Row
Address
Block
Address
A3-A8
Write
Mask
Column
Mask
BWM
DRAM write
(persistent write-per-bit)
H
H
LLL
Row
Address
Column
Address
X
Valid
Data
RWM
DRAM block write
(persistent write-per-bit)
HH
L
L
H
Row
Address
Block
Address
A3-A8
X
Column
Mask
BWM
DRAM write (nonmasked)
H
H
H
L
L
Row
Address
Column
Address
X
Valid
Data
RW
DRAM block write (nonmasked)
H
H
H
L
H
Row
Address
Block
Address
A3-A8
X
Column
Mask
BW
Load write-mask register
8
H
HHH
L
Refresh
Address
XX
Write
Mask
LMR
Load color register
H
HHHH
Refresh
Address
XX
Color
Data
LCR
Masked Write Transfer
9
H
LLL
X
Row
Address
Tap
Point
Write
Mask
X
MWT
Masked Split Write Transfer
9
HL
L
H
X
Row
Address
Tap
Point
Write
Mask
X
MSWT
Masked Flash Write Transfer
9
HH
L
H
X
Row
Address
X
Write
Mask
---
FWM
MNE
CODE
FUNCTION
RAS\ FALL
ADDRESS
DQ0-DQ15
1
LEGEND:
Col Mask = H: Write to address/column enabled
Write Mask = H: Write to I/O enabled
X = Don’t Care
NOTES:
1. DQ0–DQ15 are latched on either the first falling edge of CASx\ or the falling edge of WE\, whichever occurs later.
2. Logic L is selected when either or both CASL\ and CASU\ are low.
3. The column address and block address are latched on the first falling edge of CASx\.
4. CBRS cycle should be performed immediately after the power-up initialization cycle.
5. A0–A3, A8: don’t care; A4–A7: stop-point code
6. CBR refresh (option reset) mode ends persistent write-per-bit mode and stop-point mode.
7. CBR refresh (no reset) mode does not end persistent write-per-bit mode or stop-point mode.
8. Load-write-mask-register cycle sets the persistent write-per-bit mode. The persistent write-per-bit mode is reset only by the CBR (option
reset) cycle.
9. MWT, MSWT, FWM function shown are for nonpersistent mask writes. These functions also support persistent mask write.


Numéro de pièce similaire - SM55161A-75HKCI

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Mitus, Inc.
SM5516 SILICONMITUS-SM5516 Datasheet
738Kb / 2P
   Electrinically Marker IC for USB Type-C Cable
July 2021 Rev. 0.0.4
SM5516W SILICONMITUS-SM5516W Datasheet
738Kb / 2P
   Electrinically Marker IC for USB Type-C Cable
July 2021 Rev. 0.0.4
More results

Description similaire - SM55161A-75HKCI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Elpida Memory
HM5316123B ELPIDA-HM5316123B Datasheet
521Kb / 50P
   131,072-word x 16-bit Multiport CMOS Video RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
NEC
UPD41256 NEC-UPD41256 Datasheet
722Kb / 17P
   262144 X 1-BIT DYNAMIC NMOS RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com