Moteur de recherche de fiches techniques de composants électroniques |
|
AMS3102ALR-40 Fiches technique(PDF) 2 Page - Advanced Monolithic Systems |
|
AMS3102ALR-40 Fiches technique(HTML) 2 Page - Advanced Monolithic Systems |
2 / 8 page Advanced Monolithic Systems, Inc. www.advanced-monolithic.com Phone (925) 443-0722 Fax (925) 443-0723 AMS3102 ABSOLUTE MAXIMUM RATINGS (Note 1) Input Voltage Maximum Junction Temperature +125 °C Operating 21V Storage Temperature -65 °C to +150°C Overvoltage Protection 24V to 40V Lead Temperature (Soldering 25 sec) 265 °C Internal Power Dissipation (Note 4) Internally Limited ESD 2000V ELECTRICAL CHARACTERISTICS Electrical Characteristics at VIN =VO +1V, IO =10mA, TJ=25°C, C2 = 22µF unless otherwise specified. PARAMETER CONDITIONS AMS3102A-X Min. Typ. Max. AMS3102-X Min. Typ. Max. Units Fixed Output Voltage Versions Output Voltage Tolerance -1.0 +1.0 -3.0 +3.0 % (VIN+1V) ≤V IN ≤21V, I O=100 mA -40 °C ≤T J ≤125°C - 3.0 + 3.0 ± 5.0 % Line Regulation (VIN+1V) ≤V IN ≤ 15V 9V ≤V IN ≤ 21V 5 8 10 30 5 8 10 30 mV mV Load Regulation 5mA ≤I O ≤ 100 mA 5mA ≤10 ≤ 200 mA 30 50 50 70 30 50 50 70 mV mV Dropout Voltage I O = 100 mA I O = 200 mA 0.25 0.5 0.3 0.6 0.3 0.5 0.4 0.6 mV mV Quiescent Current I O ≤ 10 mA, I O = 100 mA I O ≤ 200 mA (Note 5) 0.3 3 9 0.5 4 12 0.3 3 9 0.5 4 12 mA mA mA Output Noise Voltage 10Hz-100kHz, COUT = 100µF 500 500 µV rms Output Impedance 100mADC and 10mArms,100Hz=10kHz 200 200 m Ω Ripple Rejection fO =120Hz 55 80 80 dB Maximum Operational Input Voltage 21 22 21 22 V Maximum Line Transient RL = 500Ω, VO ≤ 5.5V T = 1ms, τ ≤100ms 35 40 35 40 V Reverse Polarity Input Voltage, D/C -35 -40 -35 -40 V Reverse Polarity Input Voltage, Transient RL = 500Ω, T = 1ms, τ ≤100ms -35 -40 -35 -40 V |
Numéro de pièce similaire - AMS3102ALR-40 |
|
Description similaire - AMS3102ALR-40 |