Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD-E305RD Fiches technique(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

No de pièce BD-E305RD
Description  bright red chips, which are made from GaP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Site Internet  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-E305RD Fiches technique(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BD-E305RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-E305RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-E305RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--E
E3
30
05
5R
RD
D
Ver.1.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Wavelength(nm)
Fig.1 Relative Radiant Intensity VS. Wavelength
Forward Voltage
Forward Voltage (V)
Forward Current(mA)
Fig.4 Relative Luminous
0.0
0
1.0
2.0
3.0
0
0
30
10
20
40
50
40
10
20
30
50
4
Forward Current
Intensity VS.
12
3
5
Fig.2 Forward Current VS.
550
0
0.5
1.0
600
650
Ambient Temperature
Ambient Temperature Ta( C)
Ambient Temperature Ta( C)
Fig.5 Forward Current
Derating Curve VS.
Ambient Temperature
0
0
10
5
20
15
20
40
60
80
0.5
25
-40
0
1.0
1.5
2.0
2.5
3.0
0
-20
20
120
100
40
60
Fig.3 Relative Luminous
700
750
Intensity VS.
800
850
佰鴻工業股份有限公司
http://www.brtled.com


Numéro de pièce similaire - BD-E305RD

FabricantNo de pièceFiches techniqueDescription
logo
BRIGHT LED ELECTRONICS ...
BD-E302RD BRIGHT-BD-E302RD Datasheet
212Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E302RD-B BRIGHT-BD-E302RD-B Datasheet
213Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E304RD BRIGHT-BD-E304RD Datasheet
212Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E306RD BRIGHT-BD-E306RD Datasheet
143Kb / 3P
   0.30(7.620mm) DUAL DIGIT LED DISPLAY
BD-E30DRD BRIGHT-BD-E30DRD Datasheet
273Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results

Description similaire - BD-E305RD

FabricantNo de pièceFiches techniqueDescription
logo
BRIGHT LED ELECTRONICS ...
BA-10H1UD BRIGHT-BA-10H1UD Datasheet
191Kb / 3P
   bright red chips, which are made from GaP on GaP substrate.
BD-C546RD BRIGHT-BD-C546RD Datasheet
184Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E285RE BRIGHT-BD-E285RE Datasheet
183Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A545RD BRIGHT-BD-A545RD Datasheet
180Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E285RD BRIGHT-BD-E285RD Datasheet
238Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E815RD BRIGHT-BD-E815RD Datasheet
178Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A405ND BRIGHT-BD-A405ND Datasheet
174Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-F305RD BRIGHT-BD-F305RD Datasheet
199Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E505RD BRIGHT-BD-E505RD Datasheet
179Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A515RE BRIGHT-BD-A515RE Datasheet
201Kb / 3P
   bright red chips, which are made from GaP on GaP substrate.
BD-F405RD BRIGHT-BD-F405RD Datasheet
214Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com