Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMS3102AM1-30 Fiches technique(PDF) 8 Page - Advanced Monolithic Systems

No de pièce AMS3102AM1-30
Description  300mA LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADMOS [Advanced Monolithic Systems]
Site Internet  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3102AM1-30 Fiches technique(HTML) 8 Page - Advanced Monolithic Systems

  AMS3102AM1-30 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3102AM1-30 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3102AM1-30 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3102AM1-30 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3102AM1-30 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3102AM1-30 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3102AM1-30 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3102AM1-30 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AMS3102
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
SOT-89 PLASTIC PACKAGE (L)
0.090-0.102
(2.29-2.60)
0.173-0.181
(4.40-4.60)
0.064-0.072
(1.62-1.83)
0.155-0.167
(3.94-4.25)
0.059
(1.50)
BSC
0.035-0.047
(0.89-1.20)
L (SOT-89 ) AMS DRW# 042392
0.118
(3.00)
BSC
0.014-0.019
(0.36-0.48)
0.017-0.022
(0.44-0.56)
0.084-0.090
(2.13-2.29)
0.055-0.063
(1.40-1.60)
0.014-0.017
(0.35-0.44)
8 LEAD SOIC PLASTIC PACKAGE (S)
0°-8° TYP
0.010-0.020
(0.254-0.508)
S (SO-8 ) AMS DRW# 042293
x 45°
0.016-0.050
(0.406-1.270)
0.008-0.010
(0.203-0.254)
0.004-0.010
(0.101-0.254)
0.014-0.019
(0.355-0.483)
0.053-0.069
(1.346-1.752)
0.050
(1.270)
TYP
0.150-0.157**
(3.810-3.988)
0.228-0.244
(5.791-6.197)
0.189-0.197*
(4.801-5.004)
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
12
3
4
87
6
5
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Numéro de pièce similaire - AMS3102AM1-30

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Monolithic Sys...
AMS3102AM1-30 ADMOS-AMS3102AM1-30 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
More results

Description similaire - AMS3102AM1-30

FabricantNo de pièceFiches techniqueDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954 UTC-LM2954_V01 Datasheet
280Kb / 5P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com