Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMS3107CD-33 Fiches technique(PDF) 8 Page - Advanced Monolithic Systems

No de pièce AMS3107CD-33
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADMOS [Advanced Monolithic Systems]
Site Internet  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3107CD-33 Fiches technique(HTML) 8 Page - Advanced Monolithic Systems

  AMS3107CD-33 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS3107
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
SOT-89 PLASTIC PACKAGE (L)
3 LEAD SOT-223 PLASTIC PACKAGE
0.090-0.102
(2.29-2.60)
0.173-0.181
(4.40-4.60)
0.064-0.072
(1.62-1.83)
0.155-0.167
(3.94-4.25)
0.059
(1.50)
BSC
0.035-0.047
(0.89-1.20)
L (SOT-89 ) AMS DRW# 042392
0.118
(3.00)
BSC
0.014-0.019
(0.36-0.48)
0.017-0.022
(0.44-0.56)
0.084-0.090
(2.13-2.29)
0.055-0.063
(1.40-1.60)
0.014-0.017
(0.35-0.44)
0.130-0.146
(3.30-3.71)
0.248-0.264
(6.30-6.71)
0.116-0.124
(2.95-3.15)
0.264-0.287
(6.71-7.29)
0.090
(2.29)
NOM
0.071
(1.80)
MAX
0.033-0.041
(0.84-1.04)
0.025-0.033
(0.64-0.84)
0.181
(4.60)
NOM
0.012
(0.31)
MIN
0.025-0.033
(0.64-0.84)
10°
MAX
10°-16°
10°-16°
0.010-0.014
(0.25-0.36)
(SOT-223 ) AMS DRW# 042292


Numéro de pièce similaire - AMS3107CD-33

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Monolithic Sys...
AMS3107CD-33 ADMOS-AMS3107CD-33 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results

Description similaire - AMS3107CD-33

FabricantNo de pièceFiches techniqueDescription
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com