Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS2200CP-CZZ Fiches technique(PDF) 1 Page - Cirrus Logic

No de pièce CS2200CP-CZZ
Description  Fractional-N Frequency Synthesizer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2200CP-CZZ Fiches technique(HTML) 1 Page - Cirrus Logic

  CS2200CP-CZZ Datasheet HTML 1Page - Cirrus Logic CS2200CP-CZZ Datasheet HTML 2Page - Cirrus Logic CS2200CP-CZZ Datasheet HTML 3Page - Cirrus Logic CS2200CP-CZZ Datasheet HTML 4Page - Cirrus Logic CS2200CP-CZZ Datasheet HTML 5Page - Cirrus Logic CS2200CP-CZZ Datasheet HTML 6Page - Cirrus Logic CS2200CP-CZZ Datasheet HTML 7Page - Cirrus Logic CS2200CP-CZZ Datasheet HTML 8Page - Cirrus Logic CS2200CP-CZZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
Fractional-N Frequency Synthesizer
Features
Delta-Sigma Fractional-N Frequency Synthesis
Generates a Low Jitter 6 - 75 MHz Clock
from an 8 - 75 MHz Reference Clock
Highly Accurate PLL Multiplication Factor
Maximum Error Less Than 1 PPM
I²C™ / SPI™ Control Port
Configurable Auxiliary Output
Buffered Reference Clock
PLL Lock Indication
Duplicate PLL Output
Flexible Sourcing of Reference Clock
External Oscillator or Clock Source
Supports Inexpensive Local Crystal
Minimal Board Space Required
No External Analog Loop-filter
Components
General Description
The CS2200-CP is an extremely versatile system clock-
ing device that utilizes a programmable phase lock loop.
The CS2200-CP is based on an analog PLL architec-
ture
comprised
of
a
Delta-Sigma
Fractional-N
Frequency Synthesizer. This architecture allows for fre-
quency synthesis and clock generation from a stable
reference clock.
The CS2200-CP supports both I²C and SPI for full soft-
ware control.
The CS2200-CP is available in a 10-pin MSOP package
in Commercial (-10 °C to +70 °C) grade.
Customer development kits are also available for device
evaluation. Please see “Ordering Information” on
page 25 for complete details.
I²C / SPI
Auxiliary
Output
6 to 75 MHz
PLL Output
3.3 V
I²C/SPI Software
Control
8 MHz to 75 MHz
Low-Jitter Timing
Reference
Output to Input
Clock Ratio
N
Timing Reference
PLL Output
PLL Lock Indicator
Fractional-N
Divider
Voltage Controlled
Oscillator
Internal
Loop Filter
Phase
Comparator
Delta-Sigma
Modulator
AUG '09
DS759F1
CS2200-CP


Numéro de pièce similaire - CS2200CP-CZZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
CS2200-CP-CZZ CIRRUS-CS2200-CP-CZZ Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
CS2200-CP-CZZR CIRRUS-CS2200-CP-CZZR Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-OTP CIRRUS-CS2200-OTP Datasheet
332Kb / 22P
   Fractional-N Frequency Synthesizer
More results

Description similaire - CS2200CP-CZZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
REV. C
logo
Cirrus Logic
CS2200-OTP CIRRUS-CS2200-OTP_09 Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154BRUZ AD-ADF4154BRUZ Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com