Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MV036F072M017 Fiches technique(PDF) 5 Page - Vicor Corporation

No de pièce MV036F072M017
Description  VTM Current Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F072M017 Fiches technique(HTML) 5 Page - Vicor Corporation

  MV036F072M017 Datasheet HTML 1Page - Vicor Corporation MV036F072M017 Datasheet HTML 2Page - Vicor Corporation MV036F072M017 Datasheet HTML 3Page - Vicor Corporation MV036F072M017 Datasheet HTML 4Page - Vicor Corporation MV036F072M017 Datasheet HTML 5Page - Vicor Corporation MV036F072M017 Datasheet HTML 6Page - Vicor Corporation MV036F072M017 Datasheet HTML 7Page - Vicor Corporation MV036F072M017 Datasheet HTML 8Page - Vicor Corporation MV036F072M017 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
MV036 SERIES
Rev. 2.5
Page 5 of 10
V•I Chip Voltage Transformation Module
Parameter
Min
Typ
Max
Unit
Note
Primary Control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
VC voltage must be applied when module is enabled using PC
Current limit
2.4
2.5
2.9
mA
Source only
Disable delay time
6
µs
PC low to Vout low
VTM Control (VC)
External boost voltage
12
14
19
Vdc
Required for VTM start up without PRM
External boost duration
10
ms
Vin > 26 Vdc. VC must be applied continuously
if Vin < 26 Vdc.
Auxiliary Pins (Conditions are at 36 Vin, full load, and 25°C ambient unless otherwise specified)
Figure 7 — Example load step with 100 µF input capacitance and no
output capacitance (MV036F120M010).
Figure 8 — Example load step with 100 µF input capacitance and no
output capacitance (MV036F120M010).
Electrical Specifications (continued)
Parameter
Min
Typ
Max
Unit
Note
MTBF (MV036F030M040)
MIL-HDBK-217F
4,480,000
Hours
25°C, GB
806,000
50°C NS
631,000
65°C AIC
Isolation specifications
Voltage
2,250
Vdc
Input to Output
Capacitance
3000
pF
Input to Output
Resistance
10
M
Ω
Input to Output
Agency approvals
cTÜVus
UL /CSA 60950-1, EN 60950-1
CE Mark
Low voltage directive
Mechanical
See Mechanical Drawings, Figures 10 & 11
Weight
0.53/ 15
oz /g
Dimensions
Length
1.28/ 32,5
in / mm
Width
0.87 / 22
in / mm
Height
0.265 / 6,73
in / mm
Thermal
Over temperature shutdown
125
130
135
°C
Junction temperature
Thermal capacity
9.3
Ws / °C
Junction-to-case thermal impedance (RθJC)1.1
°C / W
Junction-to-ambient
5.0
°C / W
With 0.25” heat sinkˆ
Junction-to-board thermal impedance (RθJB)
2.1
°C/W
General


Numéro de pièce similaire - MV036F072M017

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
MV036F072M017 VICOR-MV036F072M017 Datasheet
711Kb / 10P
   Transformer
MV036F072M017 VICOR-MV036F072M017 Datasheet
1Mb / 10P
   High density
MV036F072M017 VICOR-MV036F072M017 Datasheet
1Mb / 10P
   MV036 SERIES
MV036F072M017** VICOR-MV036F072M017* Datasheet
1Mb / 10P
   MV036 SERIES
More results

Description similaire - MV036F072M017

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com