Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MV036F072M017 Fiches technique(PDF) 4 Page - Vicor Corporation

No de pièce MV036F072M017
Description  VTM Current Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F072M017 Fiches technique(HTML) 4 Page - Vicor Corporation

  MV036F072M017 Datasheet HTML 1Page - Vicor Corporation MV036F072M017 Datasheet HTML 2Page - Vicor Corporation MV036F072M017 Datasheet HTML 3Page - Vicor Corporation MV036F072M017 Datasheet HTML 4Page - Vicor Corporation MV036F072M017 Datasheet HTML 5Page - Vicor Corporation MV036F072M017 Datasheet HTML 6Page - Vicor Corporation MV036F072M017 Datasheet HTML 7Page - Vicor Corporation MV036F072M017 Datasheet HTML 8Page - Vicor Corporation MV036F072M017 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
MV036 SERIES
Rev. 2.5
Page 4 of 10
V•I Chip Voltage Transformation Module
Figure 1 — Representative input reflected ripple current at full load
(MV036F120M010).
Efficiency vs. Output Current
84
86
88
90
92
94
96
01
234
5678
9
10
Output Current (A)
Figure 3 — Representative efficiency vs. output current
(MV036F120M010).
Power Dissipation
2
2.5
3
3.5
4
4.5
5
5.5
6
012
34567
8
9
10
Output Current (A)
Figure 4 — Example power dissipation vs. output current
(MV036F120M010).
Waveforms
Figure 6 — Sample output voltage ripple at full load with 4.7 µF ceramic
POL bypass capacitance and 20 nH distribution inductance
(MV036F120M010).
Figure 5 — Sample output voltage ripple at full load; with no POL bypass
capacitance (MV036F120M010).
Ripple vs. Output Current
0
20
40
60
80
100
120
01
23
456
7
8
9
10
Output Current (A)
Figure 2 — Sample output voltage ripple vs. output current with no POL
bypass capacitance (MV036F120M010).
Electrical Specifications (continued)


Numéro de pièce similaire - MV036F072M017

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
MV036F072M017 VICOR-MV036F072M017 Datasheet
711Kb / 10P
   Transformer
MV036F072M017 VICOR-MV036F072M017 Datasheet
1Mb / 10P
   High density
MV036F072M017 VICOR-MV036F072M017 Datasheet
1Mb / 10P
   MV036 SERIES
MV036F072M017** VICOR-MV036F072M017* Datasheet
1Mb / 10P
   MV036 SERIES
More results

Description similaire - MV036F072M017

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com