Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MV036F022M055 Fiches technique(PDF) 3 Page - Vicor Corporation

No de pièce MV036F022M055
Description  VTM Current Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F022M055 Fiches technique(HTML) 3 Page - Vicor Corporation

  MV036F022M055 Datasheet HTML 1Page - Vicor Corporation MV036F022M055 Datasheet HTML 2Page - Vicor Corporation MV036F022M055 Datasheet HTML 3Page - Vicor Corporation MV036F022M055 Datasheet HTML 4Page - Vicor Corporation MV036F022M055 Datasheet HTML 5Page - Vicor Corporation MV036F022M055 Datasheet HTML 6Page - Vicor Corporation MV036F022M055 Datasheet HTML 7Page - Vicor Corporation MV036F022M055 Datasheet HTML 8Page - Vicor Corporation MV036F022M055 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
MV036 SERIES
Rev. 2.5
Page 3 of 10
V•I Chip Voltage Transformation Module
Part Number
Typical Full Load Efficiency at nom Vout (%)
Typical Half Load Efficiency at nom Vout (%) Maximum Load Capacitance (µF)
MV036F011M100
89.5
91.5
48128
MV036F015M080
92
94
27072
MV036F022M055
94
94.5
12032
MV036F030M040
94
95.0
6768
MV036F045M027
95.3
96.5
3008
MV036F060M020
95.3
96.8
1692
MV036F072M017
96.5
96.5
1175
MV036F090M013
96.3
95.5
752
MV036F120M010
95.5
95.5
423
MV036F180M007
96.0
95.2
188
MV036F240M005
95.0
94.8
106
MV036F360M003
96
96
47
No Load Output Voltage (Vdc)
Rout (m
Ω)
Rated Output
Part Number
K-Factor
Current (A)
@26 Vin
@ 50 Vin
Min
Nom
Max
MV036F011M100
1/32
100
0.82
1.55
0.5
0.85
1.3
MV036F015M080
1/24
80
1.1
2.0
1.0
1.25
1.5
MV036F022M055
1/16
55
1.63
3.1
1.4
1.75
2.0
MV036F030M040
1/12
40
2.2
4.1
1.45
2.4
3.4
MV036F045M027
1/8
27
3.3
6.2
3.5
5.1
6.6
MV036F060M020
1/6
20
4.3
8.3
5.0
8.0
10
MV036F072M017*
1/5
16.6
6.4*
10
6.0
9.6
12
MV036F090M013
1/4
13.3
6.5
12.5
6.9
9.3
11.6
MV036F120M010
1/3
10.0
8.7
16.6
25
31
35
MV036F180M007
1/2
6.7
13
25
27.5
35.7
46.4
MV036F240M005
2/3
5.0
17.4
33
49.3
70.6
91.8
MV036F360M003
13.3
26
50
140
170
200
Military Cots VTM Family Part Numbers and Ranges
Control Pin Functions
Table 1 — VTM part numbers
Table 2 — Typical efficiency and maximum load capacitance, by part number
VC – VTM Control
The VC port is multiplexed. It receives the initial VCC voltage from an
upstream PRM, synchronizing the output rise of the VTM with the
output rise of the PRM. Additionally, the VC port provides feedback to
the PRM to compensate for the VTM output resistance. In typical
applications using VTMs powered from PRMs, the PRM’s VC port
should be connected to the VTM VC port.
In applications where a VTM is being used without a PRM, 14 V must
be supplied to the VC port for as long as the input voltage is below 26 V
and for 10 ms after the input voltage has reached or exceeded 26 V. The
VTM is not designed for extended operation below 26 V. The VC port
should only be used to provide VCC voltage to the VTM during startup.
PC – Primary Control
The Primary Control (PC) port is a multifunction port for controlling the
VTM as follows:
Disable – If PC is left floating, the VTM output is enabled. To
disable the output, the PC port must be pulled lower than 2.4 V,
referenced to -In. Optocouplers, open collector transistors or relays
can be used to control the PC port. Once disabled, 14 V must be
re-applied to the VC port to restart the VTM.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA
at 5 Vdc.
* Low line input voltage 32 V
Electrical Specifications (continued)


Numéro de pièce similaire - MV036F022M055

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
MV036F022M055 VICOR-MV036F022M055 Datasheet
711Kb / 10P
   Transformer
MV036F022M055 VICOR-MV036F022M055 Datasheet
1Mb / 10P
   High density
MV036F022M055 VICOR-MV036F022M055 Datasheet
1Mb / 10P
   MV036 SERIES
MV036F022M055-CB VICOR-MV036F022M055-CB Datasheet
1Mb / 10P
   MV036 SERIES
More results

Description similaire - MV036F022M055

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com