Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54ACT112 Datasheet(Fiches technique) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numéro de pièce 54ACT112
Description  Dual JK Negative Edge-Triggered Flip-Flop
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT112 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ACT112 Datenblatt HTML 1Page - National Semiconductor (TI) 54ACT112 Datenblatt HTML 2Page - National Semiconductor (TI) 54ACT112 Datenblatt HTML 3Page - National Semiconductor (TI) 54ACT112 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT112 Datenblatt HTML 5Page - National Semiconductor (TI) 54ACT112 Datenblatt HTML 6Page - National Semiconductor (TI) 54ACT112 Datenblatt HTML 7Page - National Semiconductor (TI) 54ACT112 Datenblatt HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC + 0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC + 0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC + O.5
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC +0.5V
DC Output Source
or Sink Current (I
O)
±50 mA
DC V
CC or Ground Current
per Output Pin (I
CC or IGND)
±50 mA
Storage Temperature (T
STG)
−65°C to +150°C
Junction Temperature (T
J)
CDIP
175°C
Recommended Operating
Conditions
Supply Voltage (V
CC)
4.5V to 5.5V
Input Voltage (V
I)
0V to V
CC
Output Voltage (V
O)
0V to V
CC
Operating Temperature (T
A)
−55°C to +125°C
Minimum Input Edge Rate (
ΔV/Δt)
125 mV/ns
V
IN from 0.8V to 2.0V
V
CC @ 4.5V, 5.5V
Note 1:
Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. Fairchild does not
recommend operation of FACTcircuits outside databook specifications.
DC Characteristics for 'ACT Family Devices
Symbol
Parameter
V
CC
T
A = −55°C to +125°C
Units
Conditions
(V)
Guaranteed Limits
V
IH
Minimum High Level
4.5
2.0
V
V
OUT = 0.1V
Input Voltage
5.5
2.0
or V
CC − 0.1V
V
IL
Maximum Low Level
4.5
0.8
V
V
OUT = 0.1V
Input Voltage
5.5
0.8
or V
CC − 0.1V
V
OH
Minimum High Level
4.5
4.4
V
I
OUT = −50 μA
Output Voltage
5.5
5.4
V
IN = VIL or VIH
4.5
3.70
V
I
OH = −24 mA
5.5
4.70
I
OH = −24 mA
(Note 2)
V
OL
Maximum Low Level
4.5
0.1
V
I
OUT = 50 μA
Output Voltage
5.5
0.1
V
IN = VIL or VIH
4.5
0.5
V
I
OL = 24 MA
5.5
0.5
I
OL = 24 mA
(Note 2)
I
IN
Maximum Input Leakage Current
5.5
± 1.0
μA
V
I = VCC, GND
I
CCT
Maximum I
CC/Input
5.5
1.6
mA
V
I = VCC − 2.1V
I
OLD
Minimum Dynamic
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
Output Current
(Note 3)
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent Supply
Current
5.5
80.0
μA
V
IN = VCC or GND
Note 2:
All outputs loaded; thresholds on input associated with output under test.
Note 3:
Maximum test duration 2.0 ms, one output loaded at a time.
www.national.com
4
100976 Version 2 Revision 2
Print Date/Time: 2009/07/20 16:20:36


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn