Moteur de recherche de fiches techniques de composants électroniques |
|
TCFGP0J226K8R Fiches technique(PDF) 1 Page - Rohm |
|
TCFGP0J226K8R Fiches technique(HTML) 1 Page - Rohm |
1 / 14 page TCFG series P Case Tantalum capacitors Rev.A 1/13 S S + − W H LW Anode mark 2 1 Chip tantalum capacitors with open-function built-in TCFG series P Case Features External dimensions (Unit : mm) 1) Safety design by open function built - in. 2) Wide capacitance range 3) Screening by thermal shock. Case code L W1 W2 HS P (2012) 2.0 0.2 +− 0.9 0.2 +− Max.1.20 0.45 0.3 +− 1.25 0.2 +− Product designation T C P1 A M8 R Rated Voltage Capacitance tolerance Nominal capacitance in pF in 3 digits : 2significant figure representing the number of 0's. 8 : Tape width (8mm) R : Positive electrode on the side opposite to sprocket hole F G 1 0 5 1 6 1 2 4 5 3 1 1 Series name TCFG 2 Case code TCFG ····· P 3 4 Capacitance 5 Taping 6 20% M : +− 10% K : +− 4 CODE 6.3 0J 10 1A 16 1C 20 1D 25 1E Rated voltage (V) 0G |
Numéro de pièce similaire - TCFGP0J226K8R |
|
Description similaire - TCFGP0J226K8R |