Moteur de recherche de fiches techniques de composants électroniques |
|
TCFGP0J156K8R Fiches technique(PDF) 10 Page - Rohm |
|
TCFGP0J156K8R Fiches technique(HTML) 10 Page - Rohm |
10 / 14 page TCFG series P Case Tantalum capacitors Rev.A 10/13 Malfunction rate as function of operating Malfunction rate as function of circuit resistance ( /V) temperature and rated voltage 0.01 0.02 0.03 0.06 0.1 0.2 0.3 0.5 1.0 Ratio = Rated Voltage Applied Voltage 1.0 0.7 0.5 0.3 0.1 20 40 60 85 Fig.4 OPERATING TEMPERATURE ( C) 0.4 0.6 0.8 1.0 2.0 4.0 6.0 0.1 0.2 0.6 0.4 3.0 1.0 2.0 RESISTANCE OF CIRCUIT ( Ω / V) Fig.5 (5) External temperature vs. fuse blowout (6) Power vs. fuse blowout characteristics / Product surface temperature 260 270 280 290 300 310 320 330 340 350 360 A case (3216) P case (2012) B case (3528) failed half failed no failed 110 100 OPERATING TIME (s) Fig.6 0 10 20 30 40 50 60 70 80 90 100 024 no operating area 68 10 9 7 5 3 1 ELECTRIC POWER (W) Fig.7 open-function characteristic surface temp. curve of the products operating area 150 200 250 300 A case (3216) B case (3528) P case (2012) Note: Solder the chip at 300 C or less. If it is soldered using a temperature higher than 300 C, open function built-in may operate. (7) Maximum power dissipation Warming of the capacitor due to ripple voltage balances with warming caused by Joule heating and by radiated heat. Maximum allowable warming of the capacitor is to 5 C above ambient temperature. When warming exceeds 5 C, it can damage the dielectric and cause a short circuit. Power dissipation (P) = I 2 R Ripple current P : As shown in table at right R : Equivalent series resistance Notes: 1. Please be aware that when case size is changed, maximum allowable power dissipation is reduced. 2. Maximum power dissipation varies depending on the package. Be sure to use a case which will keep warming within the limits shown in the table below. |
Numéro de pièce similaire - TCFGP0J156K8R |
|
Description similaire - TCFGP0J156K8R |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |