Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCFGP1A476M8R Fiches technique(PDF) 9 Page - Rohm

No de pièce TCFGP1A476M8R
Description  Chip tantalum capacitors with open-function built-in
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

TCFGP1A476M8R Fiches technique(HTML) 9 Page - Rohm

Back Button TCFGP1A476M8R Datasheet HTML 5Page - Rohm TCFGP1A476M8R Datasheet HTML 6Page - Rohm TCFGP1A476M8R Datasheet HTML 7Page - Rohm TCFGP1A476M8R Datasheet HTML 8Page - Rohm TCFGP1A476M8R Datasheet HTML 9Page - Rohm TCFGP1A476M8R Datasheet HTML 10Page - Rohm TCFGP1A476M8R Datasheet HTML 11Page - Rohm TCFGP1A476M8R Datasheet HTML 12Page - Rohm TCFGP1A476M8R Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TCFG series P Case
Tantalum capacitors
Rev.A
9/13
(2) Leakage current-to-voltage ratio
0.01
0.1
1
0
20406080
100
% OF RATED VOLTAGE (
VR)
Fig.2
(3) Derating voltage as function of temperature
50
60
70
80
90
100
75
85
95
105
115
125
Fig.3
TEMPERATURE ( C)
85
°C
125
°C
Rated Voltage
4
6.3
10
16
20
5.0
8
13
20
26
2.5
4
6.3
10
13
3.4
5
9
12
16
Surge Voltage
Category Voltage
Surge Voltage
(V.DC)
(V.DC)
(V.DC)
(V.DC)
(4) Reliability
The malfunction rate of tantalum solid state electrolytic capacitors varies considerably depending on the conditions of
usage (ambient temperature, applied voltage, circuit resistance).
Formula for calculating malfunction rate
p = b ( E
SR
Q
CV
)
p
: Malfunction rate stemming from operation
b
: Basic malfunction rate
E
: Environmental factors
SR
: Series resistance
Q
: Level of malfunction rate
CV
: Capacitance
For details on how to calculate the malfunction rate stemming from operation, see the tantalum solid state electrolytic
capacitors column in MIL-HDBK-217.


Numéro de pièce similaire - TCFGP1A476M8R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCFGP1A475K ROHM-TCFGP1A475K Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGP1A475M ROHM-TCFGP1A475M Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGP1A475M8R ROHM-TCFGP1A475M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGP1A475M8R ROHM-TCFGP1A475M8R Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Description similaire - TCFGP1A476M8R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com