Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCP0J336K8R Fiches technique(PDF) 10 Page - Rohm

No de pièce TCP0J336K8R
Description  Chip tantalum capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

TCP0J336K8R Fiches technique(HTML) 10 Page - Rohm

Back Button TCP0J336K8R Datasheet HTML 4Page - Rohm TCP0J336K8R Datasheet HTML 5Page - Rohm TCP0J336K8R Datasheet HTML 6Page - Rohm TCP0J336K8R Datasheet HTML 7Page - Rohm TCP0J336K8R Datasheet HTML 8Page - Rohm TCP0J336K8R Datasheet HTML 9Page - Rohm TCP0J336K8R Datasheet HTML 10Page - Rohm TCP0J336K8R Datasheet HTML 11Page - Rohm TCP0J336K8R Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TC Series P Case
Tantalum capacitors
Rev.D
10/11
(5) Impedance frequency characteristics
(6) ESR frequency characteristics
1
10
100
1000
10000
100000
0G475
A case (3216)
1C105
A case (3216)
1A105
P case (2012)
1
100
10k
1M
500M
100M
FREQUENCY (
Hz)
Fig.5
1
0.1
10
100
0G475
A case (3216)
1C105
A case (3216)
1A105
P case (2012)
1
100
10k
1M
500M
100M
FREQUENCY (
Hz)
Fig.6
(7) Temperature characteristics
−10
−6
−2
0
2
6
10
−55
25
CAP 120Hz
85
125
4V
−4.7μF A case (3216)
10V
−1μF P case (2012)
Fig.7
TEMPERATURE (
°C)
0
1
2
3
4
5
−55
25
DF 120Hz
85
125
Fig.8
4V
−4.7μF A case (3216)
10V
−1μF P case (2012)
TEMPERATURE(
°C)
10
100
1000
0
−55
25
LC 1WV
85
125
4V
−4.7μF A case (3216)
10V
−1μF P case (2012)
Fig.9
TEMPERATURE (
°C)
1
2
3
0
−55
25
IMPEDANCE 100kHz
85
125
4V
−4.7μF A case (3216)
10V
−1μF P case (2012)
Fig.10
TEMPERATURE (
°C)


Numéro de pièce similaire - TCP0J336K8R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCP0J335K ROHM-TCP0J335K Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCP0J335M ROHM-TCP0J335M Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCP0J335M8R ROHM-TCP0J335M8R Datasheet
151Kb / 8P
   Chip tantalum capacitors
More results

Description similaire - TCP0J336K8R

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com