Moteur de recherche de fiches techniques de composants électroniques |
|
TCP1A475K8R Fiches technique(PDF) 1 Page - Rohm |
|
TCP1A475K8R Fiches technique(HTML) 1 Page - Rohm |
1 / 12 page TC Series P Case Tantalum capacitors Rev.D 1/11 Chip tantalum capacitors TC Series P Case Features (P) 1) Vital for all hybrid integrated circuits board application. 2) Wide capacitance range. 3) Screening by thermal shock. Dimensions (Unit : mm) Dimensions L H S W2 W1 S S W H L W Anode mark 2 1 (Unit : mm) P case + − 2.0 ± 0.2 1.25 ± 0.2 0.9 ± 0.2 0.45 ± 0.3 1.1 ± 0.1 Part No. Explanation 8 : Tape width M 1 A 8 R T 1 0 5 C P Rated voltage Capacitance tolerance Nominal capacitance in pF in 3 digits: 2 significant figures followed by the figure representing the number of 0's. R : Positive electrode on the side opposite to sprocket hole 1 6 1 3 6 4 2 5 1 1 Series name TC 2 Case style 3 4 Nominal capacitance 5 Taping 20% M : +− 10% K : +− 4 CODE 6.3 0J 10 1A 16 1C 20 25 1D 1E Rated voltage (V) 0G TC P |
Numéro de pièce similaire - TCP1A475K8R |
|
Description similaire - TCP1A475K8R |