Moteur de recherche de fiches techniques de composants électroniques |
|
TCP0G335K8R Fiches technique(PDF) 3 Page - Rohm |
|
TCP0G335K8R Fiches technique(HTML) 3 Page - Rohm |
3 / 12 page TC Series P Case Tantalum capacitors Rev.D 3/11 Characteristics Item Performance Test conditions (based on JIS C 5101 −1 and JIS C 5101−3) Operating Temperature −55 °C to +125°C Maximum operating temperature with no voltage derating +85 °C Rated voltage (VDC) 20 25 16 10 6.3 4 Category voltage (VDC) 13 16 10 6.3 4 2.5 Surge voltage (VDC) 13 8 5.0 26 20 32 DC Leakage current 0.5 μA or 0.01CV whichever is greater Shown in " Standard list " Capacitance tolerance Measuring frequency : 100±10kHz Measuring voltage : 0.5Vrms or less Measuring circuit : DC Equivalent series circuit Tangent of loss angle (Df, tan δ) Impedance Resistance to Soldering heat Temperature cycle Moisture resistance There should be no significant abnormality. The indications should be clear. Appearance ΔC / C Df (tan δ) L.C. Shall be satisfied the voltage on " Standard list " Measuring frequency : 120±12Hz Measuring voltage : 0.5Vrms +1.5 to 2V.DC Measuring circuit : DC Equivalent series circuit Shall be satisfied the voltage on " Standard list " at 85 °C at 125 °C at 85 °C Voltage : Rated voltage for 1min Shall be satisfied allowance range. ± 10%, ±20% Measuring frequency : 120±12Hz Measuring voltage : 0.5Vrms +1.5 to 2V.DC Measuring circuit : DC Equivalent series circuit Less than initial limit Less than 150% of initial limit Voltage reduction when temperature exceeds +85 °C As per 4.9 JIS C 5101-1 As per 4.5.1 JIS C 5101-3 As per 4.7 JIS C 5101-1 As per 4.5.2 JIS C 5101-3 As per 4.8 JIS C 5101-1 As per 4.5.3 JIS C 5101-3 As per 4.10 JIS C 5101-1 As per 4.5.4 JIS C 5101-3 As per 4.14 JIS C 5101-1 As per 4.6 JIS C 5101-3 Dip in the solder bath Solder temp : 260±5 °C Duration : 5±0.5s Repetition : 1 After the specimens, leave it at room temperature for over 24h and then measure the sample. As per 4.16 JIS C 5101-1 As per 4.10 JIS C 5101-3 As per 4.22 JIS C 5101-1 As per 4.12 JIS C 5101-3 TCP0J226 : Within ±20% of initial value TCP1A106 : Within ±20% of initial value Others : Within ±10% of initial value There should be no significant abnormality. The indications should be clear. Appearance ΔC / C Df (tan δ) L.C. After leaving the sample under such atmospheric condition that the temperature and humidity are 60 ±2°C and 90 to 95% RH,respectiveiy, for 500±12h leave it at room temperature for over 24h and then measure the sample. Within ±20% of initial value Less than 150% of initial limit There should be no significant abnormality. The indications should be clear. Appearance ΔC / C Df (tan δ) L.C. Repetition : 5 cycles (1 cycle : steps 1 to 4) without discontinuation. Less than 150% of initial limit TCP0J226 : Less than 150% of initial limit Others : Less than initial limit 1 to 10 μF : Within ±10% of initial value 15 to 22 μF : Within ±20% of initial value TCP1A106 : Within ±20% of initial value Temp. Time 1 2 3 4 Room temp. Room temp. 3min.or less 3min.or less 30 ±3min. 30 ±3min. −55 3°C +− 125 2 °C +− TCP0J226 : Less than 150% of initial limit Others : Less than initial limit After the specimens, leave it at room temperature for over 24h and then measure the sample. |
Numéro de pièce similaire - TCP0G335K8R |
|
Description similaire - TCP0G335K8R |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |