Moteur de recherche de fiches techniques de composants électroniques |
|
TCP1D155K8R Fiches technique(PDF) 2 Page - Rohm |
|
TCP1D155K8R Fiches technique(HTML) 2 Page - Rohm |
2 / 12 page TC Series P Case Tantalum capacitors Rev.D 2/11 Rated table ( μF) Rated voltage (V) 4 0G 1 (105) 1.5 (155) 2.2 (225) 3.3 (335) 4.7 (475) P 6.8 (685) P P P P 10 (106) P 15 (156) 22 (226) P P P P P P P P P P P PP P P P P P P P P P 33 (336) 47 (476) 68 (686) 6.3 0J 10 1A 16 1C 20 1D 25 1E Remark) Case size codes (P) in the above show products line-up. ∗ Under development ∗ ∗ ∗ Marking j J The indications listed below should be given on the surface of a capacitor. (1) Polarity : The polarity should be shown by bar. (on the anode side) (2) Rated DC voltage : Due to the small size of P case, a voltage code is used as shown below. (3) Visual typical example (1) voltage code (2) capacitance code Voltage Code Rated DC Voltage (V) g j A C D E 4 6.3 10 16 20 25 Capacitance Code Nominal Capacitance ( μF) A E J N S W a e j 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 [P case] note 1) note 2) voltage code and capacitance code are variable with parts number − (1) j − (2) J |
Numéro de pièce similaire - TCP1D155K8R |
|
Description similaire - TCP1D155K8R |