Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM1C225M8R Fiches technique(PDF) 6 Page - Rohm

No de pièce TCM1C225M8R
Description  Chip tantalum capacitors (Bottom surface electrode type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

TCM1C225M8R Fiches technique(HTML) 6 Page - Rohm

  TCM1C225M8R Datasheet HTML 1Page - Rohm TCM1C225M8R Datasheet HTML 2Page - Rohm TCM1C225M8R Datasheet HTML 3Page - Rohm TCM1C225M8R Datasheet HTML 4Page - Rohm TCM1C225M8R Datasheet HTML 5Page - Rohm TCM1C225M8R Datasheet HTML 6Page - Rohm TCM1C225M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/6
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.04 - Rev.F
Data Sheet
TC Series M Case
Packaging specifications
Case code
M
A 0.1
+−
B 0.1
+−
W 0.2
+−
E 0.1
+−
F 0.05
+−
P1 0.1
+−
P2 0.05
+−
P0 0.1
+−
1.0
1.8
8.0
1.75
3.5
4.0
2.0
4.0
t1 0.05
+−
t2 0.1
+−
0.20
1.0
Taping [M case]
Feeding direction
P1
B
A
P2
P0
F
W
E
t2
t1
φ1.5
+0.1
0
Packaging style
4,000pcs
Case code
Packaging
Taping
M case
Packaging style
plastic taping
φ180mm Reel
Symbol
R
Basic ordering units
Reel [M case]
11.4 1.0
Label sticking position
EIAJ ET
−7200B compatible
Pull direction
+−


Numéro de pièce similaire - TCM1C225M8R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCM1C105M ROHM-TCM1C105M Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCM1C1064758R ROHM-TCM1C1064758R Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCM1C106K8R ROHM-TCM1C106K8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCM1C106M8R ROHM-TCM1C106M8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCM1C475K8R ROHM-TCM1C475K8R Datasheet
152Kb / 14P
   Chip tantalum capacitors
More results

Description similaire - TCM1C225M8R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_CL ROHM-TCT_CL_10 Datasheet
152Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS_10 Datasheet
150Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com