Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T14L1024N Fiches technique(PDF) 4 Page - Taiwan Memory Technology

No de pièce T14L1024N
Description  128K X 8 HIGH SPEED CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TMT [Taiwan Memory Technology]
Site Internet  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T14L1024N Fiches technique(HTML) 4 Page - Taiwan Memory Technology

  T14L1024N Datasheet HTML 1Page - Taiwan Memory Technology T14L1024N Datasheet HTML 2Page - Taiwan Memory Technology T14L1024N Datasheet HTML 3Page - Taiwan Memory Technology T14L1024N Datasheet HTML 4Page - Taiwan Memory Technology T14L1024N Datasheet HTML 5Page - Taiwan Memory Technology T14L1024N Datasheet HTML 6Page - Taiwan Memory Technology T14L1024N Datasheet HTML 7Page - Taiwan Memory Technology T14L1024N Datasheet HTML 8Page - Taiwan Memory Technology T14L1024N Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TE
CH
tm
T14L1024N
TM Technology Inc. reserves the right
P. 4
Publication Date: APR. 2002
to change products or specifications without notice.
Revision: C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYM
MIN
TYP
MAX
UNIT
Supply Voltage
Vcc
Typ-0.3
3.3
Typ+0.3
V
Input Voltage, low
V
IL
-0.3
-
0.8
V
Input Voltage, high
V
IH
2.1
-
Vcc+0.3
V
Ambient Temperature
T
A
0
-
70
°C
CAPACITANCE
PARAMETER
SYMBOL
CONDITION
MAX.
UNIT
Input Capacitance
C
IN
V
IN
= 0V
6
pF
Input/ Output Capacitance
C
I/O
V
OUT = 0V
8
pF
Note: These parameters are sampled but not 100% tested.
AC TEST CONDITIONS
PARAMETER
CONDITIONS
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3.0 ns
Input and Output Timing Reference Level
1.5V
Output Load
C
L =30pF,I OH / I OL = -2mA/4mA
AC TEST LOADS AND WAVEFORM
RL=50 ohm
OUTPUT
Zo=50 ohm
30pF
R1 319 ohm
3.3V
OUTPUT
5pF
Including
Jig and
Scope
R2
353 ohm
(For TCLZ, TOLZ, TCHZ, TOHZ, TWHZ, TOW )
Vt=1.5V


Numéro de pièce similaire - T14L1024N

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024A-10D TMT-T14L1024A-10D Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024A-10H TMT-T14L1024A-10H Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024A-10J TMT-T14L1024A-10J Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
T14L1024A-10N TMT-T14L1024A-10N Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results

Description similaire - T14L1024N

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com