Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF420 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce BF420
Description  High Voltage Transistors(NPN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF420 Fiches technique(HTML) 3 Page - Motorola, Inc

  BF420 Datasheet HTML 1Page - Motorola, Inc BF420 Datasheet HTML 2Page - Motorola, Inc BF420 Datasheet HTML 3Page - Motorola, Inc BF420 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BF420 BF422
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
200
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
50
30
20
TJ = +125°C
25
°C
–55
°C
VCE = 10 Vdc
100
Figure 2. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
0.2
100
50
20
1.0
Ccb
10
2.0
5.0
0.5
1.0
2.0
5.0
10
20
50
100
200
Ceb
Figure 3. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
100
70
50
30
20
10
7.0
5.0
3.0
2.0
100
70
50
30
20
10
TJ = 25°C
VCE = 20 V
f = 20 MHz
1.0
IC, COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
1.4
0
TJ = 25°C
VBE(on) @ VCE = 10 V
VCE(sat) @ IC/IB = 10
VBE(sat) @ IC/IB = 10
1.2
1.0
0.8
0.6
0.4
0.2
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
MPSA43
Figure 5. Maximum Forward Bias
Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
(PULSE CURVES @ TC = 25°C)
SECOND BREAKDOWN LIMIT
MPSA42
100
µs
1.0 ms
TC = 25°C
TA = 25°C
CURVES APPLY
BELOW RATED VCEO
500
0.5
1.0
2.0
5.0
10
20
50
100
200
100
50
20
10
5.0
2.0
1.0
0.5
200
500
10
µs
100 ms


Numéro de pièce similaire - BF420

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BF420 ONSEMI-BF420 Datasheet
80Kb / 4P
   High Voltage Transistors(NPN Silicon)
REV 1
logo
SHENZHEN YONGERJIA INDU...
BF420 WINNERJOIN-BF420 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
NXP Semiconductors
BF420 PHILIPS-BF420 Datasheet
62Kb / 6P
   NPN high-voltage transistors
2004 Nov 10
logo
Continental Device Indi...
BF420 CDIL-BF420 Datasheet
151Kb / 4P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
Siemens Semiconductor G...
BF420 SIEMENS-BF420 Datasheet
123Kb / 4P
   NPN Silicon Transistors With High Reverse Voltage (NPN Silicon Transistors With High Reverse Voltage)
More results

Description similaire - BF420

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com