Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK22C48-NF45I Fiches technique(PDF) 7 Page - Cypress Semiconductor

No de pièce STK22C48-NF45I
Description  16 Kbit (2K x 8) AutoStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48-NF45I Fiches technique(HTML) 7 Page - Cypress Semiconductor

Back Button STK22C48-NF45I Datasheet HTML 3Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 4Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 5Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 6Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 7Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 8Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 9Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 10Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STK22C48
Document Number: 001-51000 Rev. **
Page 7 of 14
Capacitance
In the following table, the capacitance parameters are listed.[5]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 0 to 3.0V
8pF
COUT
Output Capacitance
7pF
Thermal Resistance
In the following table, the thermal resistance parameters are listed.[5]
Parameter
Description
Test Conditions
28-SOIC
(300 mil)
28-SOIC
(330 mil)
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, per EIA / JESD51.
TBD
TBD
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
TBD
TBD
°C/W
Figure 6. AC Test Loads
AC Test Conditions
5.0V
Output
30 pF
R1 963
Ω
R2
512
Ω
5.0V
Output
5 pF
R1 963
Ω
R2
512
Ω
For Tri-state Specs
Input Pulse Levels .................................................... 0V to 3V
Input Rise and Fall Times (10% to 90%) ...................... <5 ns
Input and Output Timing Reference Levels .................... 1.5V
Note
5. These parameters are guaranteed by design and are not tested.
[+] Feedback


Numéro de pièce similaire - STK22C48-NF45I

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK22C48-NF45I SIMTEK-STK22C48-NF45I Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-NF45I SIMTEK-STK22C48-NF45I Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
STK22C48-NF45ITR SIMTEK-STK22C48-NF45ITR Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-NF45ITR SIMTEK-STK22C48-NF45ITR Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
More results

Description similaire - STK22C48-NF45I

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L CYPRESS-CY22E016L_07 Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com