Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK11C88-SF45I Fiches technique(PDF) 5 Page - Cypress Semiconductor

No de pièce STK11C88-SF45I
Description  256 Kbit (32K x 8) SoftStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C88-SF45I Fiches technique(HTML) 5 Page - Cypress Semiconductor

  STK11C88-SF45I Datasheet HTML 1Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 2Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 3Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 4Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 5Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 6Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 7Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 8Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STK11C88
Document Number: 001-50591 Rev. **
Page 5 of 15
Table 2. Software STORE/RECALL Mode Selection
CE
WE
A13 – A0
Mode
IO
Notes
L
H
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
[1, 2]
L
H
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
[1, 2]
Notes
1. The six consecutive addresses must be in the order listed. WE must be high during all six consecutive CE controlled cycles to enable a nonvolatile cycle.
2. While there are 15 addresses on the STK11C88, only the lower 14 are used to control software modes.
[+] Feedback


Numéro de pièce similaire - STK11C88-SF45I

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK11C88-SF45I SIMTEK-STK11C88-SF45I Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-SF45I SIMTEK-STK11C88-SF45I Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK11C88-SF45ITR SIMTEK-STK11C88-SF45ITR Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-SF45ITR SIMTEK-STK11C88-SF45ITR Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
More results

Description similaire - STK11C88-SF45I

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com