Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK14CA8-RF25TR Fiches technique(PDF) 2 Page - Cypress Semiconductor

No de pièce STK14CA8-RF25TR
Description  128Kx8 AutoStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14CA8-RF25TR Fiches technique(HTML) 2 Page - Cypress Semiconductor

  STK14CA8-RF25TR Datasheet HTML 1Page - Cypress Semiconductor STK14CA8-RF25TR Datasheet HTML 2Page - Cypress Semiconductor STK14CA8-RF25TR Datasheet HTML 3Page - Cypress Semiconductor STK14CA8-RF25TR Datasheet HTML 4Page - Cypress Semiconductor STK14CA8-RF25TR Datasheet HTML 5Page - Cypress Semiconductor STK14CA8-RF25TR Datasheet HTML 6Page - Cypress Semiconductor STK14CA8-RF25TR Datasheet HTML 7Page - Cypress Semiconductor STK14CA8-RF25TR Datasheet HTML 8Page - Cypress Semiconductor STK14CA8-RF25TR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
STK14CA8
Document Number: 001-51592 Rev. **
Page 2 of 16
Pinouts
Figure 1. 48-Pin SSOP
Figure 2. 32-Pin SOIC
Figure 3. Relative PCB Area Usage[1]
Pin Descriptions
VSS
A14
A12
A7
A6
DQ0
DQ1
VCC
DQ2
A3
A2
A1
VCAP
A13
A8
A9
A11
A10
DQ7
DQ6
VSS
A0
NC
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
NC
NC
NC
23
24
A5
NC
NC
NC
NC
NC
NC
A4
48
47
46
45
VCC
HSB
NC
NC
W
NC
NC
DQ5
DQ3
DQ4
G
E
A16
A15
Note
1. See Package Diagrams on page 15 for detailed package size specifications.
A16
A14
A12
A7
DQ0
DQ1
DQ2
A4
A2
A1
VCAP
A13
A8
A9
A11
A10
DQ7
DQ6
VSS
A0
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A6
A3
A5
32
31
30
29
VCC
HSB
W
DQ5
DQ3
DQ4
G
E
A15
Pin Name
I/O
Description
A16-A0
Input
Address: The 17 address inputs select one of 131,072 bytes in the nvSRAM array.
DQ7-DQ0
I/O
Data: Bi-directional 8-bit data bus for accessing the nvSRAM.
E
Input
Chip Enable: The active low E input selects the device.
W
Input
Write Enable: The active low W allows to write the data on the DQ pins to the address location
latched by the falling edge of E.
G
Input
Output Enable: The active low G input enables the data output buffers during read cycles.
De-asserting G high causes the DQ pins to tri-state.
VCC
Power Supply
Power: 3.0V, +20%, -10%.
HSB
I/O
Hardware Store Busy: When low this output indicates a Store is in progress. When pulled low
external to the chip, it initiates a nonvolatile STORE operation. A weak pull up resistor keeps this
pin high if not connected. (Connection is optional).
VCAP
Power Supply
AutoStore™ Capacitor: Supplies power to nvSRAM during power loss to store data from SRAM to
nonvolatile storage elements.
VSS
Power Supply
Ground.
NC
No Connect
Unlabeled pins have no internal connections.
[+] Feedback


Numéro de pièce similaire - STK14CA8-RF25TR

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK14CA8-RF25TR SIMTEK-STK14CA8-RF25TR Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25TR SIMTEK-STK14CA8-RF25TR Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Description similaire - STK14CA8-RF25TR

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com