Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK11C68-SF25TR Fiches technique(PDF) 7 Page - Cypress Semiconductor

No de pièce STK11C68-SF25TR
Description  64 Kbit (8K x 8) SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C68-SF25TR Fiches technique(HTML) 7 Page - Cypress Semiconductor

Back Button STK11C68-SF25TR Datasheet HTML 3Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 4Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 5Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 6Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 7Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 8Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 9Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 10Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STK11C68
Document Number: 001-50638 Rev. **
Page 7 of 16
AC Switching Characteristics
SRAM Read Cycle
Parameter
Description
25 ns
35 ns
45 ns
Unit
Min
Max
Min
Max
Min
Max
Cypress
Parameter
Alt
tACE
tELQV
Chip Enable Access Time
25
35
45
ns
tRC
[4]
tAVAV, tELEH
Read Cycle Time
25
35
45
ns
tAA
[5]
tAVQV
Address Access Time
25
35
45
ns
tDOE
tGLQV
Output Enable to Data Valid
10
15
20
ns
tOHA
[5]
tAXQX
Output Hold After Address Change
5
5
5
ns
tLZCE
[6]
tELQX
Chip Enable to Output Active
5
5
5
ns
tHZCE
[6]
tEHQZ
Chip Disable to Output Inactive
10
13
15
ns
tLZOE
[6]
tGLQX
Output Enable to Output Active
0
0
0
ns
tHZOE
[6]
tGHQZ
Output Disable to Output Inactive
10
13
15
ns
tPU
[3]
tELICCH
Chip Enable to Power Active
0
0
0
ns
tPD
[3]
tEHICCL
Chip Disable to Power Standby
25
35
45
ns
Switching Waveforms
Figure 5. SRAM Read Cycle 1: Address Controlled [4, 5]
Figure 6. SRAM Read Cycle 2: CE and OE Controlled [4]
Notes
4. WE must be High during SRAM Read cycles.
5. I/O state assumes CE and OE < VIL and WE > VIH; device is continuously selected.
6. Measured ±200 mV from steady state output voltage.
[+] Feedback


Numéro de pièce similaire - STK11C68-SF25TR

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK11C68-SF25TR SIMTEK-STK11C68-SF25TR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
More results

Description similaire - STK11C68-SF25TR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com