Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54230IIZ-T Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL54230IIZ-T
Description  Octal Multiprotocol Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54230IIZ-T Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL54230IIZ-T Datasheet HTML 7Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 8Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 9Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 10Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 11Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 12Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 13Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 14Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN6825.2
May 28, 2009
Application Block Diagram
OE1
GND
VDD
NO1A
NC1A
NO1B
NC1B
NO2A
NC2A
NO2B
NC2B
NO3A
NC3A
NO3B
NC3B
NO4A
NC4A
NO4B
NC4B
COM1A
COM2A
COM2B
COM3A
COM3B
COM4A
COM4B
IN1
COM1B
IN2
IN3
IN4
OE2
AUDIO
CODEC A
AUDIO
CODEC B
MAIN
MICROPHONE
EAR BUD
MICROPHONE
BASEBAND
CODEC
MULTIMEDIA
CODEC
USB
TRANSCEIVER A
USB
TRANSCEIVER B
µCONTROLLER
OR
BASEBAND
PROCESSOR
Typical Performance Curves
TA = +25°C, Unless Otherwise Specified.
FIGURE 7. ON-RESISTANCE vs SWITCH VOLTAGE; COM2x
AND COM3x
FIGURE 8. ON- RESISTANCE vs SWITCH VOLTAGE; COM2,
COM3
VCOM (V)
3
4
5
6
7
8
9
10
0
0.050.100.150.200.250.300.350.400.45
VDD = 3.0V
+25°C
+85°C
-40°C
ICOM = 40mA
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
VCOM (V)
+3V
+3.6V
+2.7V
ICOM = 40mA
T = +25°C
ISL54230


Numéro de pièce similaire - ISL54230IIZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54230IIZ-T RENESAS-ISL54230IIZ-T Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
More results

Description similaire - ISL54230IIZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54230 RENESAS-ISL54230 Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
logo
Intersil Corporation
ISL54230 INTERSIL-ISL54230 Datasheet
1Mb / 16P
   Octal Multiprotocol Switch
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
   Real-Time Ethernet Multiprotocol (REM) Switch
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com