Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54222IRTZ Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL54222IRTZ
Description  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222IRTZ Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL54222IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 10Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 11Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 12Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN6835.1
May 27, 2009
Typical Performance Curves TA = +25°C, Unless Otherwise Specified
FIGURE 7. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 8. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 9. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE
VCOM (V)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0.1
0.2
0.3
0.4
1.8V
2.7V
3.3V
3.0V
ICOM = 40mA
2
4
6
8
10
12
14
00.5
1.0
1.5
2.0
2.5
3.0
3.3
VCOM (V)
3.3V
ICOM = 1mA
1.8V
2.7V
3.0V
2
3
4
5
6
7
8
0
0.1
0.2
0.3
0.4
VCOM (V)
ICOM = 40mA
+25°C
+85°C
-40°C
V+ = 1.8V
0
2
4
6
8
10
12
14
16
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VCOM (V)
+25°C
+85°C
-40°C
ICOM = 1mA
V+ = 1.8V
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
00.1
0.2
0.3
0.4
VCOM (V)
ICOM = 40mA
+25°C
+85°C
-40°C
V+ = 3.3V
0
1
2
3
4
5
6
7
8
9
00.5
1.0
1.5
2.0
2.5
3.0 3.3
VCOM (V)
+25°C
+85°C
-40°C
ICOM = 1mA
V+ = 3.3V
ISL54222


Numéro de pièce similaire - ISL54222IRTZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54222IRTZ INTERSIL-ISL54222IRTZ Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222IRTZ-T INTERSIL-ISL54222IRTZ-T Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

Description similaire - ISL54222IRTZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com