Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL3158AEMW Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL3158AEMW
Description  짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3158AEMW Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL3158AEMW Datasheet HTML 4Page - Intersil Corporation ISL3158AEMW Datasheet HTML 5Page - Intersil Corporation ISL3158AEMW Datasheet HTML 6Page - Intersil Corporation ISL3158AEMW Datasheet HTML 7Page - Intersil Corporation ISL3158AEMW Datasheet HTML 8Page - Intersil Corporation ISL3158AEMW Datasheet HTML 9Page - Intersil Corporation ISL3158AEMW Datasheet HTML 10Page - Intersil Corporation ISL3158AEMW Datasheet HTML 11Page - Intersil Corporation ISL3158AEMW Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN6886.0
April 3, 2009
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. DRIVER ENABLE AND DISABLE TIMES
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. DRIVER DATA RATE
Test Circuits and Waveforms (Continued)
D
DE
DI
VCC
SIGNAL
GENERATOR
CL = 100pF
RDIFF
Z
Y
CL = 100pF
OUT (Z)
3V
0V
1.5V
1.5V
VOH
VOL
OUT (Y)
tPLH
tPHL
DIFF OUT (Y - Z)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DI
SKEW = |tPLH - tPHL|
D
DE
DI
Z
Y
VCC
GND
SW
PARAMETER OUTPUT
RE
DI
SW
CL (pF)
tHZ
Y/Z
X
1/0
GND
15
tLZ
Y/Z
X
0/1
VCC
15
tZH
Y/Z
0 (Note 5)
1/0
GND
100
tZL
Y/Z
0 (Note 5)
0/1
VCC
100
tZH(SHDN)
Y/Z
1 (Note 8)
1/0
GND
100
tZL(SHDN)
Y/Z
1 (Note 8)
0/1
VCC
100
SIGNAL
GENERATOR
500
Ω
CL
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
VOL + 0.5V
tLZ
DE
OUTPUT HIGH
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
NOTE 7
2.3V
2.3V
NOTE 7
NOTE 7
D
DE
DI
VCC
SIGNAL
GENERATOR
Z
Y
CD
VOD
+
-
60
Ω
3V
0V
DIFF OUT (Y - Z)
+VOD
-VOD
DI
0V
ISL3158AE


Numéro de pièce similaire - ISL3158AEMW

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL3158AEMW RENESAS-ISL3158AEMW Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
More results

Description similaire - ISL3158AEMW

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Intersil Corporation
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com