Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL3158AEMBZ Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL3158AEMBZ
Description  짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3158AEMBZ Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL3158AEMBZ Datasheet HTML 6Page - Intersil Corporation ISL3158AEMBZ Datasheet HTML 7Page - Intersil Corporation ISL3158AEMBZ Datasheet HTML 8Page - Intersil Corporation ISL3158AEMBZ Datasheet HTML 9Page - Intersil Corporation ISL3158AEMBZ Datasheet HTML 10Page - Intersil Corporation ISL3158AEMBZ Datasheet HTML 11Page - Intersil Corporation ISL3158AEMBZ Datasheet HTML 12Page - Intersil Corporation ISL3158AEMBZ Datasheet HTML 13Page - Intersil Corporation ISL3158AEMBZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6886.0
April 3, 2009
Application Information
RS-485 and RS-422 are differential (balanced) data
transmission standards used for long haul or noisy
environments. RS-422 is a subset of RS-485, so RS-485
transceivers are also RS-422 compliant. RS-422 is a
point-to-multipoint (multidrop) standard, which allows only
one driver and up to 10 (assuming one unit load devices)
receivers on each bus. RS-485 is a true multipoint standard,
which allows up to 32 one unit load devices (any
combination of drivers and receivers) on each bus. To allow
for multipoint operation, the RS-485 specification requires
that drivers must handle bus contention without sustaining
any damage.
Another important advantage of RS-485 is the extended
common mode range (CMR), which specifies that the driver
outputs and receiver inputs withstand signals that range from
+12V to -7V. RS-422 and RS-485 are intended for long runs,
so the wide CMR is necessary to handle ground potential
differences, as well as voltages induced in the cable by
external fields.
Receiver (Rx) Features
This device utilizes a differential input receiver for maximum
noise immunity and common mode rejection. Input sensitivity
is better than
±200mV, as required by the RS-422 and RS-485
specifications.
Rx outputs feature high drive levels (typically 28mA @
VOL = 1V to ease the design of optically coupled isolated
interfaces).
Receiver input resistance of 96k
Ω surpasses the RS-422
specification of 4k
Ω, and is eight times the RS-485 “Unit
Load (UL)” requirement of 12k
Ω minimum. Thus, this
product is known as a “one-eighth UL” transceiver, and there
can be up to 256 of these devices on a network while still
complying with the RS-485 loading specification.
Rx inputs function with common mode voltages as great as
±7V outside the power supplies (i.e., +12V and -7V), making
them ideal for long networks where induced voltages are a
realistic concern.
All the receivers include a “full fail-safe” function that
guarantees a high level receiver output if the receiver inputs
are unconnected (floating), shorted together, or connected to
a terminated bus with all the transmitters disabled.
Receivers easily meet the data rates supported by the
corresponding driver, and all receiver outputs are
three-statable via the active low RE input.
Driver (Tx) Features
The RS-485/RS-422 driver is a differential output device that
delivers at least 2.4V across a 54
Ω load (RS-485), and at
least 2.8V across a 100
Ω load (RS-422). The driver features
low propagation delay skew to maximize bit width, and to
minimize EMI, and all drivers are three-stateable via the
active high DE input.
Outputs of the ISL3158AE driver is not limited, so faster
output transition times allow data rates of at least 10Mbps
High VOD Improves Noise Immunity and Flexibility
The ISL3158AE driver design delivers larger differential
output voltages (VOD) than the RS-485 standard requires, or
than most RS-485 transmitters can deliver. The minimum
±2.4V VOD guarantees at least ±900mV more noise
immunity than networks built using standard 1.5V VOD
transmitters.
Another advantage of the large VOD is the ability to drive
more than two bus terminations, which allows for utilizing the
ISL3158AE in “star” and other multi-terminated,
“non-standard” network topologies. Figure 8, details the
transmitter’s VOD vs IOUT characteristic, and includes load
lines for six (20
Ω) and eight (15Ω) 120Ω terminations. The
figure shows that the driver typically delivers 1.65/1.5V into
6/8 terminations, even at the worst case temperature of
+85°C.The RS-485 standard requires a minimum 1.5V VOD
into two terminations, but the ISL3158AE delivers RS-485
voltage levels with 3x to 4x the number of terminations.
Hot Plug Function
When a piece of equipment powers up, there is a period of
time where the processor or ASIC driving the RS-485 control
lines (DE, RE) is unable to ensure that the RS-485 Tx and
Rx outputs are kept disabled. If the equipment is connected
to the bus, a driver activating prematurely during power-up
may crash the bus. To avoid this scenario, the ISL3158AE
devices incorporate a “Hot Plug” function. Circuitry monitoring
VCC ensures that, during power-up and power-down, the Tx
and Rx outputs remain disabled, regardless of the state of DE
and RE, if VCC is less than ~3.4V. This gives the
processor/ASIC a chance to stabilize and drive the RS-485
control lines to the proper states.
FIGURE 7. HOT PLUG PERFORMANCE (ISL3158AE) vs
ISL83088E WITHOUT HOT PLUG CIRCUITRY
TIME (40µs/DIV)
VCC
2.5
5.0
2.5
5.0
RL = 1kΩ
RO
0
2.5
5.0
0
0
A
/Y
RL = 1kΩ
3.3V
3.5V
ISL3158AE
ISL3158AE
RE = GND
DE, DI = VCC
ISL3158AE


Numéro de pièce similaire - ISL3158AEMBZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL3158AEM RENESAS-ISL3158AEM Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
ISL3158AEMW RENESAS-ISL3158AEMW Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
More results

Description similaire - ISL3158AEMBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Intersil Corporation
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com